Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2707DWG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2707DWG4
Description  DUAL CHANNEL POWER DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2707DWG4 Datasheet(HTML) 4 Page - Texas Instruments

  UC2707DWG4 Datasheet HTML 1Page - Texas Instruments UC2707DWG4 Datasheet HTML 2Page - Texas Instruments UC2707DWG4 Datasheet HTML 3Page - Texas Instruments UC2707DWG4 Datasheet HTML 4Page - Texas Instruments UC2707DWG4 Datasheet HTML 5Page - Texas Instruments UC2707DWG4 Datasheet HTML 6Page - Texas Instruments UC2707DWG4 Datasheet HTML 7Page - Texas Instruments UC2707DWG4 Datasheet HTML 8Page - Texas Instruments UC2707DWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TYPICAL SWITCHING CHARACTERISTICS
UC1707, UC2707, UC3707
SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008 ............................................................................................................................................. www.ti.com
VIN = VC = 20 V, TA = 25°C. Delays measured to 10% output change.
PARAMETER
TEST CONDITIONS
OUTPUT CL =
UNIT
From Inv. Input to Output
open
1.0
2.2
nF
Rise time delay
40
50
60
ns
10% to 90% rise
25
40
50
ns
Fall time delay
30
40
50
ns
90% to 10% fall
25
40
50
ns
From N.I. Input to Output
Rise time delay
30
40
50
ns
10% to 90% rise
25
40
50
ns
Fall time delay
45
55
65
ns
90% to 10% fall
25
40
50
ns
VC cross-conduction current spike duration Output rise
25
ns
Output fall
0
ns
Analog shutdown delay
Stop non-Inv. = 0 V
180
ns
Stop Inv. = 0 to 0.5 V
180
ns
Digital shutdown delay
2 V input on Pin 7
50
ns
4
Submit Documentation Feedback
Copyright © 1999–2008, Texas Instruments Incorporated
Product Folder Link(s): UC1707 UC2707 UC3707


Similar Part No. - UC2707DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2707DWG4 TI1-UC2707DWG4 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Similar Description - UC2707DWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC1707-SP TI1-UC1707-SP Datasheet
578Kb / 15P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com