Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1837 Datasheet(PDF) 2 Page - Texas Instruments

Part # UCC1837
Description  8-Pin N-FET Linear Regulator Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1837 Datasheet(HTML) 2 Page - Texas Instruments

  UCC1837 Datasheet HTML 1Page - Texas Instruments UCC1837 Datasheet HTML 2Page - Texas Instruments UCC1837 Datasheet HTML 3Page - Texas Instruments UCC1837 Datasheet HTML 4Page - Texas Instruments UCC1837 Datasheet HTML 5Page - Texas Instruments UCC1837 Datasheet HTML 6Page - Texas Instruments UCC1837 Datasheet HTML 7Page - Texas Instruments UCC1837 Datasheet HTML 8Page - Texas Instruments UCC1837 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
UCC1837
UCC2837
UCC3837
CONNECTION DIAGRAM
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, TA = –55°C to 125°C for the UCC1837, –25°C to 85°C
for the UCC2837 and 0°C to 70°C for UCC3837; VDD = 5V, CT = 10nF, CCAP = 100nF.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Supply
Supply Current
VDD = 5V
1
1.5
mA
VDD = 10V
1.2
2
mA
Under Voltage Lockout
Minimum Voltage to Start
2.00
2.65
3.00
V
Minimum Voltage After Start
1.6
2.2
2.6
V
Hysteresis
0.25
0.45
0.65
V
Reference ( Note 1 )
VREF
25°C
1.485
1.5
1.515
V
0°C to 70°C
1.470
1.5
1.530
V
–55°C to 125°C
1.455
1.5
1.545
V
Current Sense
Comparator Offset
0°C to 70°C
90
100
110
mV
Comparator Offset
–55°C to 125°C
85
100
115
mV
Amplifier Offset
120
140
160
mV
Input Bias Current
VCS = 5V
0.5
5
µA
Current Fault Timer
CT Charge Current
VCT = 1V
16
36
56
µA
CT Discharge Current
VCT = 1V
0.4
1.2
1.9
µA
CT Fault Low Threshold
0.4
0.5
0.6
V
CT Fault Hi Threshold
1.3
1.5
1.7
V
Fault Duty Cycle
2
3.3
5
%
Error Amplifier
Input Bias Current
0.5
2
µA
Open Loop Gain
60
90
dB
Transconductance
–10
µA to 10µA
2
5
8
mMho
Charge Current
VCOMP = 6V
20
40
60
µA
Discharge Current
VCOMP = 6V
10
25
40
µA
DIL-8, SOIC-8 (Top View)
J or N Package, D Package
ABSOLUTE MAXIMUM RATINGS
All pins referenced to GND . . . . . . . . . . . . . . . . . –0.3V to +15V
CS, CT, FB . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to VDD + 0.3V
Storage Temperature . . . . . . . . . . . . . . . . . . . –65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
Consult Packaging Section of Databook for thermal limitations
and considerations of packages.


Similar Part No. - UCC1837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
More results

Similar Description - UCC1837

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1837 TI-UCC1837 Datasheet
87Kb / 8P
[Old version datasheet]   8-Pin N-FET Linear Regulator Controller
logo
Semtech Corporation
SC4210A SEMTECH-SC4210A Datasheet
290Kb / 11P
   8-Pin N-FET Linear Regulator Controller
SC1548 SEMTECH-SC1548_04 Datasheet
266Kb / 14P
   Linear FET Controller
SC1548 SEMTECH-SC1548 Datasheet
287Kb / 14P
   Linear Fet Controller
logo
Texas Instruments
LFC789D25 TI-LFC789D25 Datasheet
218Kb / 11P
[Old version datasheet]   DUAL LINEAR FET CONTROLLER
logo
International Rectifier
IRU3033 IRF-IRU3033 Datasheet
76Kb / 12P
   8-PIN PWM SWITCHER AND LINEAR CONTROLLER IC
logo
BCD Semiconductor Manuf...
AP2160 BCDSEMI-AP2160 Datasheet
307Kb / 10P
   Ultra Low Output Voltage Linear N-FET Controller
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com