Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2540PWP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2540PWP
Description  SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2540PWP Datasheet(HTML) 3 Page - Texas Instruments

  UCC2540PWP Datasheet HTML 1Page - Texas Instruments UCC2540PWP Datasheet HTML 2Page - Texas Instruments UCC2540PWP Datasheet HTML 3Page - Texas Instruments UCC2540PWP Datasheet HTML 4Page - Texas Instruments UCC2540PWP Datasheet HTML 5Page - Texas Instruments UCC2540PWP Datasheet HTML 6Page - Texas Instruments UCC2540PWP Datasheet HTML 7Page - Texas Instruments UCC2540PWP Datasheet HTML 8Page - Texas Instruments UCC2540PWP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
UCC2540
SLUS539C − JUNE 2004 − REVISED OCTOBER 2008
3
www.ti.com
ORDERING INFORMATION
TA = TJ
HTSSOP−20 (PWP)(1)
TA = TJ
Bulk
−40
°C to +105°C
UCC2540PWP
(1) The PWP package is also available at 70 devices per tube and taped and reeled at
2,000 devices per reel. Add an R suffix to the device type (i.e., UCC2540PWPR). See
the application section of the data sheet for PowerPAD drawing and layout information.
CONNECTION DIAGRAM
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
RSET
REF
G2C
SYNCIN
RAMP
GND
VEA−
CEA−
COMP
TR
SWS
BST
G1
SW
VDD
PGND
G2
VDRV
G2S
SS
PWP PACKAGE
(TOP VIEW)
NOTE: The PowerPAD
t is not directly connected to any lead of the package. It is electrically and thermally connected to the substrate of the
device which acts as ground and should be connected to PGND on the PCB. The exposed dimension is 1.3 mm x 1.7 mm. However, the
tolerances can be +1.05 mm / −0.05 mm (+41 mils / −2 mils) due to position and mold flow variation.
THERMAL INFORMATION
PACKAGE
FAMILY
PACKAGE
DESIGNATOR
θJA (°C/W)
(with PowerPAD)
θJC (°C/W)
(without PowerPAD)
θJC (°C/W)
(with PowerPAD)
MAXIMUM DIE
TEMPERATURE
PowerPAD
HTSSOP−20
PWP
22.3 to 32.6
(500 to 0 LFM)
19.9
1.4
125
°C


Similar Part No. - UCC2540PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2540PWP TI-UCC2540PWP Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2540PWP

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
APW7073A ANPEC-APW7073A Datasheet
732Kb / 20P
   Synchronous Buck PWM Controller
logo
ON Semiconductor
NCP1034 ONSEMI-NCP1034_18 Datasheet
260Kb / 24P
   Synchronous PWM Buck Controller
February, 2018 ??Rev. 8
logo
Anpec Electronics Corop...
APW7064 ANPEC-APW7064 Datasheet
388Kb / 19P
   Synchronous Buck PWM Controller
APW7065C ANPEC-APW7065C Datasheet
960Kb / 19P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B Datasheet
229Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074 Datasheet
955Kb / 20P
   Synchronous Buck PWM Controller
APW7065 ANPEC-APW7065_09 Datasheet
682Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com