Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2541PWP Datasheet(PDF) 6 Page - Texas Instruments

Part # UCC2541PWP
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2541PWP Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC2541PWP Datasheet HTML 2Page - Texas Instruments UCC2541PWP Datasheet HTML 3Page - Texas Instruments UCC2541PWP Datasheet HTML 4Page - Texas Instruments UCC2541PWP Datasheet HTML 5Page - Texas Instruments UCC2541PWP Datasheet HTML 6Page - Texas Instruments UCC2541PWP Datasheet HTML 7Page - Texas Instruments UCC2541PWP Datasheet HTML 8Page - Texas Instruments UCC2541PWP Datasheet HTML 9Page - Texas Instruments UCC2541PWP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
6
www.ti.com
ELECTRICAL CHARACTERISTICS
VDD = 12 V, 1-µF capacitor from VDD to GND, 1-µF capacitor from BST to SW, 1-µF capacitor from REF to GND, 0.1-µF and 2.2-µF capacitors
from VDRV to PGND, CRAMP = 517 pF, RSET = 10 kΩ, TA = TJ = −40°C to 105°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G1 MAIN OUTPUT
RSINK
Sink resistance
VSW = 0 V,
VBST = 6 V,
VG1 = 0.3 V
0.3
0.7
1.3
RSRC
Source resistance
VSW = 0 V,
VBST = 6 V,
VG1 = 5.7 V
10
25
45
ISINK
Sink current(3)
VSW = 0 V,
VBST = 6 V,
VG1 = 3.0 V
3
A
ISRCE
Source current(3)
VSW = 0 V,
VBST = 6 V,
VG1 = 3.0 V
−3
A
tRISE
Rise time
CLOAD = 2.2 nF, from G1 to SW
12
25
ns
tFALL
Fall time
CLOAD = 2.2 nF, from G1 to SW
12
25
ns
G2 SYNCHRONOUS RECTIFIER OUTPUT
RSINK
Sink resistance
VG2 = 0.3 V
5
15
30
ISINK
Sink current(3)
VG2 = 3.25 V
3
A
ISRC
Source current(3)
VG2 = 3.25 V
−3
A
tRISE
Rise time
CLOAD = 2.2 nF, from G2 to PGND
12
25
ns
tFALL
Fall time
CLOAD = 2.2 nF, from G2 to PGND
12
25
ns
VOH
High-level output voltage, G2
VSW = GND
6.2
6.7
7.5
V
DEADTIME DELAY (see Figure 1)
tON(G1)
RAMP rising to G1 rising
90
115
130
tOFF(G1)
SYNCIN falling to G1 falling
50
70
90
tON(G2)
tOFF(G2)
Delay control resolution
3.5
5.0
6.5
ns
tON(G2)
G2 on-time minimum
wrt G1 falling
−24
ns
tON(G2)
G2 on-time maximum
wrt G1 falling
62
tOFF(G2)
G2 off-time minimum
wrt G1 rising
−68
tOFF(G2)
G2 off-time maximum
wrt G1 rising
10
(3) Ensured by design. Not production tested.
tOFF,G1
t ON,G1
tON,G2
CLK
G1
G2
tOFF,G2
G2C
2.0V
V ERR
RAMP
Figure 1. Predictive Gate Drive Timing Diagram


Similar Part No. - UCC2541PWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541PWP TI-UCC2541PWP Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPG4 TI-UCC2541PWPG4 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPR TI-UCC2541PWPR Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
UCC2541PWPRG4 TI-UCC2541PWPRG4 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541PWP

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com