Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA6500TT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # TDA6500TT
Description  5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA6500TT Datasheet(HTML) 5 Page - NXP Semiconductors

  TDA6500TT Datasheet HTML 1Page - NXP Semiconductors TDA6500TT Datasheet HTML 2Page - NXP Semiconductors TDA6500TT Datasheet HTML 3Page - NXP Semiconductors TDA6500TT Datasheet HTML 4Page - NXP Semiconductors TDA6500TT Datasheet HTML 5Page - NXP Semiconductors TDA6500TT Datasheet HTML 6Page - NXP Semiconductors TDA6500TT Datasheet HTML 7Page - NXP Semiconductors TDA6500TT Datasheet HTML 8Page - NXP Semiconductors TDA6500TT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
2003 Jun 05
5
Philips Semiconductors
Product specification
5 V mixer/oscillator and synthesizer
for PAL and NTSC standards
TDA6500TT; TDA6501TT
5
BLOCK DIAGRAM
handbook, full pagewidth
MCE149
REFERENCE
DIVIDER
64, 80, 128
CRYSTAL
OSCILLATOR
TDA6500TT
(TDA6501TT)
15-BIT
PROGRAMMABLE
DIVIDER
15-BIT
FREQUENCY
REGISTER
PHASE
COMPARATOR
LOCK
DETECTOR
CHARGE
PUMP
OPAMP
CP
FL
P0 . P1
CP
1
T2
T1
T0 RSA RSB OS
CONTROL
REGISTER
AL2
ATC
AL1 AL0
0
0
0
0
AUXILIARY
REGISTER
P6
00
P4
P3
P2
P1
P0
BAND SWITCH
REGISTER
STATUS
REGISTER
I2C-BUS
TRANSCEIVER
3-BIT ADC
POWER
ON RESET
AGC
FL
POR
fref
fdiv
Vref
OS
fref
fdiv
GATE
MIXER
MID + HIGH
HIGH
OSCILLATOR
AGC
DETECTOR
STABILIZER
MIXER
LOW
RF INPUT
LOW
RF INPUT
MID + HIGH
T0, T1, T2
T0, T1, T2
RSA
RSB
XTAL
SCL
SDA
HOSCIN1
HOSCOUT2
HOSCOUT1
HOSCIN2
CP
VT
P6/ADC
14 (19)
13 (20)
17
(16)
22
(11)
26
(7)
24
(9)
23
(10)
PLLGND
20 (13)
AS
21 (12)
19 (14)
18 (15)
(18) 15
(17) 16
(24) 9
(25) 8
(26) 7
(27) 6
P1 + P0 . P1
P1
P0
P0
AGC
AL0, AL1,
AL2
ATC
VSTAB
MID
OSCILLATOR
LOW
OSCILLATOR
LOSCOUT
LOSCIN
OSCGND
(32) 1
(31) 2
MOSCOUT
MOSCIN
(28) 5
(29) 4
MHBIN1
MHBIN2
32 (1)
31 (2)
LBIN
VCC
VCC
RFGND
29 (4)
30 (3)
10 (23)
(30) 3
IFGND
(22) 11
(21) 12
SAW
DRIVER
IFOUT
IFFIL2
(5) 28
IFFIL1
(6) 27
AGC
(8) 25
Fig.1 Block diagram.
The pin numbers in parenthesis represent the TDA6501TT.


Similar Part No. - TDA6500TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500TT PHILIPS-TDA6500TT Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
More results

Similar Description - TDA6500TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA6500 PHILIPS-TDA6500 Datasheet
223Kb / 37P
   5 V mixer/oscillator and synthesizer for PAL and NTSC standards
Rev. 02-14 June 2005
logo
OmniVision Technologies...
OV7959 OMNIVISION-OV7959 Datasheet
1Mb / 2P
   NTSC and PAL output
logo
NXP Semiconductors
TDA6650ATT NXP-TDA6650ATT Datasheet
336Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 02-2 February 2007
TDA6650TT NXP-TDA6650TT Datasheet
346Kb / 54P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
Rev. 05-10 January 2007
TDA6650TT PHILIPS-TDA6650TT Datasheet
377Kb / 55P
   5 V mixer/oscillator and low noise PLL synthesizer for hybrid terrestrial tuner (digital and analog)
2004 Mar 22
logo
KODENSHI_AUK CORP.
KKA8362ANS KODENSHI-KKA8362ANS Datasheet
443Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
IK Semicon Co., Ltd
ILA8362ANS IKSEMICON-ILA8362ANS Datasheet
410Kb / 15P
   Integrated PAL and PAL/NTSC TV processor
logo
NXP Semiconductors
TDA8360 PHILIPS-TDA8360 Datasheet
200Kb / 36P
   Integrated PAL and PAL/NTSC TV processors
March 1994
logo
STMicroelectronics
TDA8219 STMICROELECTRONICS-TDA8219 Datasheet
100Kb / 9P
   PAL/NTSC DECODER AND VIDEO PROCESSOR
April 1996
logo
Toshiba Semiconductor
TA1298AN TOSHIBA-TA1298AN Datasheet
3Mb / 89P
   PAL/NTSC VIDEO CHROMA AND DEFLECTION IC FOR CTV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com