Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC27 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC27
Description  STEREO AUDIO CODEC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC27 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC27_05 Datasheet HTML 1Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 2Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 3Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 4Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 5Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 6Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 7Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 8Page - Texas Instruments TLV320AIC27_05 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TLV320AIC27
STEREO AUDIO CODEC
SLAS253A – MARCH 2000 – REVISED SEPTEMBER 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
TYPE
DESCRIPTION
NAME
NO.
TYPE
DESCRIPTION
AFILT1
29
Analog output
Buffered CAP2. This terminal has an internal connection.
VIDEOL
16
Analog input
Mixer input, typically for VIDEO signal
VIDEOR
17
Analog input
Mixer input, typically for VIDEO signal
AUXL
14
Analog input
Mixer input, typically for AUX signal
AUXR
15
Analog input
Mixer input, typically for AUX signal
AVDD1
25
Supply
Analog positive supply
AVDD2
38
Supply
Analog positive supply
AVSS1
26
Supply
Analog ground supply, chip substrate
AVSS2
42
Supply
Analog ground supply, chip substrate
BITCLK
6
Digital output
Serial interface clock output to AC’97 controller
CAP1
31
Analog output
Buffered CAP2. This terminal has an internal connection.
CAP2
32
Analog input
Reference input/output; pulls to midrail if not driven
CDGND
19
Analog input
CD input common-mode reference (ground)
CDL
18
Analog input
Mixer input, typically for CD signal
CDR
20
Analog input
Mixer input, typically for CD signal
CID0
45
Digital input
Master/slave ID select (internal pullup)
CID1
46
Digital input
Master/slave ID select (internal pullup)
CX3D1
33
Analog output
Output pin for 3D difference signal
CX3D2
34
Analog input
Input pin for 3D difference signal
DVDD1
1
Supply
Digital positive supply
DVDD2
9
Supply
Digital positive supply
DVSS1
4
Supply
Digital ground supply
DVSS2
7
Supply
Digital ground supply
EAPD
47
Digital output
External amplifier power down/GPO
GPIO
43, 44, 48
General-purpose I/O
LINEINL
23
Analog input
Mixer input, typically for LINE signal
LINEINR
24
Analog input
Mixer input, typically for LINE signal
LINEOUTL
35
Analog output
Main analog output for left channel
LINEOUTR
36
Analog output
Main analog output for right channel
LNLVLOUTL
39
Analog output
Left channel line-level output
LNLVLOUTR
41
Analog output
Right channel line-level output
MIC1
21
Analog input
Mixer input with extra gain, if required
MIC2
22
Analog input
Mixer input with extra gain, if required
MONOOUT
37
Analog output
Main mono output
MODE0
30
Digital input
Mode select pin, internal pulldown
MODE1
40
Digital input
Mode select pin, internal pulldown
PCBEEP
12
Analog input
Mixer input, typically for PCBEEP signal
PHONE
13
Analog input
Mixer input, typically for PHONE signal
RESETB
11
Digital input
NOT reset input (active low, resets registers)
SDATAIN
8
Digital output
Serial-data output to AC’97 controller
SDATAOUT
5
Digital input
Serial-data input
SYNC
10
Digital input
Serial-interface sync pulse from AC’97 controller
VREF
27
Analog output
Buffered CAP2. This terminal has an internal connection.
VREFOUT
28
Analog output
Reference for microphones; buffered CAP2
XTLIN
2
Digital input
Clock-crystal connection or clock input (XTAL not used)
XTLOUT
3
Digital output
Clock-crystal connection


Similar Part No. - TLV320AIC27_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27CPFB TI-TLV320AIC27CPFB Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27IPFB TI-TLV320AIC27IPFB Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLV320AIC27PFB TI-TLV320AIC27PFB Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
More results

Similar Description - TLV320AIC27_05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com