Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2541RHBTG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC2541RHBTG4
Description  HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2541RHBTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC2541RHBTG4 Datasheet HTML 6Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 7Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 8Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 9Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 10Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 11Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 12Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 13Page - Texas Instruments UCC2541RHBTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
UCC2541
SLUS621A − AUGUST 2004 − SEPTEMBER 2005
10
www.ti.com
APPLICATION INFORMATION
RLOAD
RS
RI1
RV1
RI2
RV2
RFI
CFI
RFV
CFV
ZFV
ZIV
CFIR
VERR to
1.5 V
VEA−
7
8
9
CEA−
UCC2541
+
+
+
Voltage
Error
Amplifier
COMP
Modulator
Current
Error
Amplifier
C
+
SS
TR
R
+
1.5 R
50 mV
ZFV
ZIV
From Power MOSFET
Switch Node
1.5 V
Inverting
Amplifier
0.7 V
CST
Figure 3. Error Amplifier Configuration
Component selection includes setting the voltage regulation threshold, then the current limit threshold, as
described below.
Voltage vs. Current Programming (refer to Figure 3):
1.
Determine the ratio
R
V1
R
V2
+
V
LOAD(reg)
V
VEA
* ) Threshold Voltage
* 1V +
V
LOAD(reg)
1.5 V (typ)
* 1V
2.
Sense resistor R
S +
1
)
R
V1
R
V2
V
CEA
)offset voltage
I
S(max)
, where IS(max) is the current limit level,
VCEA+offset = 50 mV (typ).
3.
Arbitrarily select either RV1 or RV2 so that the smallest of the two resistors is between 6.5 kΩ and 20 kΩ.
Then calculate the value of the other resistor using the equation in the first step.
If the converter is in a current-limit condition and the output voltage falls below half of the regulated output
voltage, the UCC2541 enters into a hiccup (restart-retry) mode. Figure 4 shows typical signals during hiccup
mode.


Similar Part No. - UCC2541RHBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2541RHBT TI-UCC2541RHBT Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
More results

Similar Description - UCC2541RHBTG4

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8128A RICHTEK-RT8128A Datasheet
172Kb / 15P
   High Efficiency Synchronous Buck PWM Controller
logo
Texas Instruments
UCC2541 TI-UCC2541 Datasheet
684Kb / 43P
[Old version datasheet]   HIGH-EFFICIENCY SYNCHRONOUS BUCK PWM CONTROLLER
logo
Richtek Technology Corp...
RT8130B RICHTEK-RT8130B Datasheet
235Kb / 16P
   12V High Efficiency Synchronous Buck PWM Controller
RT6542A RICHTEK-RT6542A Datasheet
267Kb / 15P
   High Efficiency Single Synchronous Buck PWM Controller
September 2019
RT8129A RICHTEK-RT8129A Datasheet
816Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
RT8125H RICHTEK-RT8125H Datasheet
300Kb / 18P
   High Efficiency Single Synchronous Buck PWM Controller
October 2020
logo
Texas Instruments
UCC2540 TI-UCC2540 Datasheet
564Kb / 37P
[Old version datasheet]   HIGH EFFICIENCY SECONDARY SIDE SYNCHRONOUS BUCK PWM CONTROLLER
logo
Micrel Semiconductor
MIC2182 MICREL-MIC2182_04 Datasheet
229Kb / 28P
   High-Efficiency Synchronous Buck Controller
logo
Microchip Technology
MIC2182 MICROCHIP-MIC2182 Datasheet
2Mb / 40P
   High-Efficiency Synchronous Buck Controller
09/14/21
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com