Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC27IPFB Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV320AIC27IPFB
Description  STEREO AUDIO CODEC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC27IPFB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC27IPFB Datasheet HTML 2Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 3Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 4Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 5Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 6Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 7Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 8Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 9Page - Texas Instruments TLV320AIC27IPFB Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
TLV320AIC27
STEREO AUDIO CODEC
SLAS253A – MARCH 2000 – REVISED SEPTEMBER 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating temperature range, AVDD = 5 V, DVDD = 3.3 V, GND = 0 V
(unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mixer Circuit Specifications (AVDD = 5 V) 48-kHz sampling
SNR CD path A-weighted (see Note 1)
90
95
dB
SNR other paths A-weighted (see Note 1)
85
95
dB
Maximum input voltage
AVSS
1
AVDD
Vrms
Maximum output voltage on LINEOUT
1.0
1.8
Vrms
THD
0-dB voltage input
74
90
dB
Frequency response (
±1 dB)
20
20000
Hz
Input impedance (CD inputs)
At any gain
15
k
Input impedance (other mixer inputs)
At maximum gain
10
20
k
Input impedance (other mixer inputs)
At 0-db gain
100
k
Input impedance mic inputs
At maximum gain
10
20
k
Input impedance mic inputs
At 0-db gain
110
k
PSRR
20 Hz to 20kHz
40
dB
DAC Circuit Specifications (AVDD = 3.3 V) 48-kHz sampling
SNR A-weighted (see Note 1)
96
dB
Full scale output voltage
VREF = 1.65 V
0.7
Vrms
THD
–3-dB full-scale input
66
90
dB
Frequency response
20
19200
Hz
Transition band
19200
28800
Hz
Stop band
28800
Hz
Out-of-band rejection
–40
dB
Spurious-tone reduction
–100
dB
PSRR
20 Hz to 20 kHz
40
dB
ADC-Circuit Specifications (AVDD = 3.3 V) 48-kHz sampling
SNR A-weighted (see Note 1)
85
dB
ADC input for full-scale output
VREF = 1.65 V
0.7
Vrms
THD
–6-dB voltage input
66
80
dB
Frequency response
20
19200
Hz
Transition band
19200
28800
Hz
Stop band
28800
Hz
Stop-band rejection
–74
dB
PSRR
20 Hz to 20 kHz
40
dB
NOTE 1: SNR is the ratio of 0-dB signal output level to the output level with no signal, measured A-weighted over a 20 Hz to 20 kHz bandwidth.


Similar Part No. - TLV320AIC27IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27IPFB TI-TLV320AIC27IPFB Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
More results

Similar Description - TLV320AIC27IPFB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
[Old version datasheet]   STEREO AUDIO CODEC
TLC320AD90 TI1-TLC320AD90 Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
PCM3070 TI1-PCM3070_14 Datasheet
1Mb / 49P
[Old version datasheet]   Stereo Audio Codec
TLC320AD90C TI1-TLC320AD90C Datasheet
232Kb / 51P
[Old version datasheet]   Stereo Audio Codec
logo
List of Unclassifed Man...
WM8734 ETC-WM8734 Datasheet
414Kb / 42P
   STEREO AUDIO CODEC
logo
Wolfson Microelectronic...
WM8734 WOLFSON-WM8734_06 Datasheet
529Kb / 46P
   Stereo Audio CODEC
logo
Texas Instruments
TLC320AD91 TI1-TLC320AD91 Datasheet
184Kb / 43P
[Old version datasheet]   Stereo Audio Codec
TLV320AIC3105 TI1-TLV320AIC3105 Datasheet
2Mb / 103P
[Old version datasheet]   Low-Power Stereo Audio Codec
TLV320AIC3104 TI1-TLV320AIC3104_14 Datasheet
1Mb / 95P
[Old version datasheet]   Low-Power Stereo Audio Codec
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
   Stereo audio interface with CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com