Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABBTM-2.4GHZ-31-T Datasheet(PDF) 4 Page - Abracon Corporation

Part # ABBTM-2.4GHZ-31-T
Description  20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABBTM-2.4GHZ-31-T Datasheet(HTML) 4 Page - Abracon Corporation

  ABBTM-2.4GHZ-31-T Datasheet HTML 1Page - Abracon Corporation ABBTM-2.4GHZ-31-T Datasheet HTML 2Page - Abracon Corporation ABBTM-2.4GHZ-31-T Datasheet HTML 3Page - Abracon Corporation ABBTM-2.4GHZ-31-T Datasheet HTML 4Page - Abracon Corporation ABBTM-2.4GHZ-31-T Datasheet HTML 5Page - Abracon Corporation ABBTM-2.4GHZ-31-T Datasheet HTML 6Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIN DESCRIPTION
20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
Pb RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 01.14.15
Visit www.abracon.com for Terms & Conditions of Sale
||||||| | | | | | | | |
ABBTM-2.4GHz-31-T
Pin No.
Name
Type
Function
1
SPK L-
Analogue
Speaker output negative(left side)
2
SPK L+
Analogue
Speaker output positive(left side)
3
SPK R-
Analogue
Speaker output negative(right side)
4
SPK R+
Analogue
Speaker output positive(right side)
5
GND
GND
Ground
6
MIC L+
Bi-directional
Programmable input/output line
7
MIC L-
Bi-directional
Programmable input/output line
8
MIC R+
Bi-directional
Programmable input/output line
9
MIC R-
Bi-directional
Programmable input/output line
10
1.8V
Power
+1.8V Supply
11
PCM-IN
CMOS Input
Synchronous Data Input
12
PCM-SYNC
Bi-directional
Synchronous Data Sync
13
PCM-CLK
Bi-directional
Synchronous Data Clock
14
PCM-OUT
CMOS Output
Synchronous Data Output
15
AIO0
Bi-directional
Programmable input/output line
16
AIO1
Bi-directional
Programmable input/output line
17
AIO
3
Bi-directional
Programmable input/output line
18
GND
GND
Ground
19
3.3V
Power
+3.3V Supply
20
N.C.
Not Connected
21
22
RTS
CMOS Output, tri-state, with
weak internal pull-up
UART request to send active low
23
CTS
CMOS Input with weak internal
pull-down
UART clear to send active low
24
TX
CMOS Output, tri-state, with
weak internal pull-up
UART data output
25
RX
CMOS Input with weak internal
pull-down
UART data input
26
RESET
CMOS Input
Reset if High
27
GND
GND
Ground
28
PIO4
Bi-directional with
programmable strength
PIO
29
PIO5
Bi-directional with
programmable strength
30
PIO6
Bi-directional with
programmable strength
PIO line or clock request output to enable
external clock for external clock line
31
PIO7
Bi-directional with
programmable strength
Programmable input/output line or
programmable frequency clock output
32
MOSI
CMOS Input
Serial Peripheral Interface Data Input
33
CSB
CMOS Input
Chip Select for Synchronous Serial Interface
(active low)
34
CLK
CMOS Input
Serial Peripheral Interface Clock
35
MISO
CMOS Output
Serial Peripheral Interface Data Output
36
PIO10
Bi-directional
Programmable input/output line
37
PIO11
Bi-directional
Programmable input/output line
38
PIO3
Bi-directional with
programmable strength
39
PIO2
Bi-directional with
programmable strength
PIO or external clock request
40
PIO1
Bi-directional with
programmable strength
Control output for external PA (if fitted)
41
PIO0
Bi-directional with
programmable strength
Control output for external Tx/Rx switch (if
fitted)
42
PIO8
Bi-directional
Programmable input/output line
43
PIO9
Bi-directional
Programmable input/output line
44
GND
GND
Ground
45
GND
GND
Ground
46
ANT
RF
RF Interface
47
GND
GND
Ground
20.0 x 13.0 x 2.0 mm SMT
N.C.
Not Connected
PIO
PIO


Similar Part No. - ABBTM-2.4GHZ-31-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
   29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
More results

Similar Description - ABBTM-2.4GHZ-31-T

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
   26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
   20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
   29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
logo
Transko Electronics, In...
TPOS3316F TRANSKO-TPOS3316F Datasheet
334Kb / 3P
   Power Inductor SMD (13.0 X 9.5 X 5.21 mm)
Rev 1: 05-29-2018
TANB1305F TRANSKO-TANB1305F Datasheet
765Kb / 3P
   Power Inductor SMD (13.0 X 9.50 X 5.21 mm)
Rev 1: 04-27-2018
logo
List of Unclassifed Man...
SX2050 ETC1-SX2050 Datasheet
97Kb / 1P
   SX2050 Surface Mount Crystals 5.0 X 13.0 X 4.2 mm
logo
STANLEY ELECTRIC CO.,LT...
NAG141SP-B STANLEY-NAG141SP-B Datasheet
1Mb / 12P
   Numeric Display/Case Size 9.6 x 13.0 mm
NAR141SH STANLEY-NAR141SH Datasheet
1Mb / 8P
   Numeric Display/Case Size 9.6 x 13.0 mm
logo
Panasonic Semiconductor
LN242RPH PANASONIC-LN242RPH Datasheet
32Kb / 1P
   5.0 mm X 2.0 mm Series
LN242RPX PANASONIC-LN242RPX Datasheet
31Kb / 1P
   5.0 mm X 2.0 mm Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com