Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1107 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLV320AIC1107
Description  Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1107 Datasheet(HTML) 1 Page - Texas Instruments

  TLV320AIC1107_14 Datasheet HTML 1Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 2Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 3Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 4Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 5Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 6Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 7Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 8Page - Texas Instruments TLV320AIC1107_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
TLV320AIC1107
SLAS360 − DECEMBER 2001
PCM CODEC
1
www.ti.com
FEATURES
D Designed for Analog and Digital Wireless
Handsets, Voice-Enabled Terminals, and
Telecommunications Applications
D 2.7-V to 3.3-V Operation
D Selectable 13-Bit Linear or 8-Bit A-Law
Companded Conversion
D Differential Microphone Input With External
Gain Setting
D Differential Earphone Output Capable of
Driving a 32-
Ω to 8-Ω Load
D Programmable Volume Control in Linear Mode
D Microphone (MIC) and Earphone (EAR) Mute
Functions
D Typical Power Dissipation of 0.03 mW in
Power-Down Mode
D 2.048-MHz Master Clock Rate
D 300-Hz to 3.4-kHz Passband
D Low Profile 20-Terminal TSSOP Packaging
APPLICATIONS
D Digital Handset
D Digital Headset
D Cordless Phones
D Digital PABX
D Digital Voice Recording
DESCRIPTION
The TLV320AIC1107 PCM codec is designed to
perform the transmit encoding analog-to-digital (A/D)
conversion, the receive decoding digital-to-analog
(D/A) conversion, and the transmit and receive filtering
for
voice-band
communications
systems.
The
TLV320AIC1107 device operates in either the 13-bit
linear or 8-bit companded
(A-law) mode. The PCM
codec generates its own internal clocks from a
2.048-MHz master clock input.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, it is advised that precautions be taken to avoid application of any voltage higher than maximum-rated
voltages to these high-impedance circuits. During storage or handling, the device leads should be shorted together or the device
should be placed in conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level,
preferably either VCC or ground. Specific guidelines for handling devices of this type are contained in the publication Guidelines for
Handling Electrostatic-Discharge-Sensitive (ESDS) Devices and Assemblies available from Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2001, Texas Instruments Incorporated
All other trademarks are the products of their respective owners.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
MICMUTE
RESET
VSS
EARVSS
EAROUT+
EARVDD
EAROUT−
EARVSS
MICGAIN+
MICIN−
EARMUTE
MCLK
PCMSYNC
PCMO
PCMI
DVSS
DVDD
LINSEL
MICGAIN −
MICIN+
PW PACKAGE
(TOP VIEW)


Similar Part No. - TLV320AIC1107_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1107PW TI-TLV320AIC1107PW Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1107_14

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Cadeka Microcircuits LL...
SPT5420 CADEKA-SPT5420 Datasheet
208Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com