Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1107PWG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC1107PWG4
Description  Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1107PWG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC1107PWG4 Datasheet HTML 1Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 2Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 3Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 4Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 5Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 6Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC1107PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLV320AIC1107
SLAS360 − DECEMBER 2001
5
www.ti.com
recommended operating conditions (see Note 2)
MIN
NOM
MAX
UNIT
Supply voltage, DVDD, EARVDD
2.7
3.3
V
High-level input voltage, VIH
0.7
×VDD
V
Low-level input voltage, VIL
0.3
×VDD
V
Load impedance between EAROUT+ and EAROUT−, RL
8 to 32
Input voltage, MICIN
0.9
×VDD
V
Operating free-air temperature, TA
−40
85
°C
NOTES:
1. To avoid possible damage and resulting reliability problems to these CMOS devices, follow power-on initialization paragraph,
described in the Principles of Operations.
2. Voltages are with respect to DVSS and EARVSS.
electrical characteristics over recommended ranges of supply voltage and operating free-air temperature
(unless otherwise noted)
supply current
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Supply current from VDD
Operating
5
7
mA
IDD
Supply current from VDD
Power down, MCLK not present
10
30
µA
tpu
Power-up time from power down
10
ms
digital interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage, PCMO
IOH = − 3.2 mA,
VDD = 3 V
DVDD−0.25
V
VOL
Low-level output voltage, PCMO
IOL = 3.2 mA,
VDD = 3 V
0.2
V
IIH
High-level input current, any digital input
VI = 2.2 V to VDD
10
µA
IIL
Low-level input current, any digital input
VI = 0 V to 0.8 V
10
µA
CI
Input capacitance
10
pF
Co
Output capacitance
20
pF
microphone interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
See Note 3
−5
5
mV
IIB
Input bias current
− 250
250
nA
Ci
Input capacitance
5
pF
Vn
Microphone input referred noise, psophometric weighted
MIC Amp 1 gain = 23.5 dB,
See Note 4
2.9
4
µVrms
MICMUTE
−80
dB
NOTES:
3. Measured while MICIN+ and MICIN− are connected together. Less than 0.5 mV offset results in 0 value code on PCMOUT.
4. Configured as shown in Figure 3


Similar Part No. - TLV320AIC1107PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1107PW TI-TLV320AIC1107PW Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1107PWG4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Cadeka Microcircuits LL...
SPT5420 CADEKA-SPT5420 Datasheet
208Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com