Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1107PWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV320AIC1107PWR
Description  Selectable 13-Bit Linear or 8-Bit A-Law Companded Conversion
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1107PWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV320AIC1107PWR Datasheet HTML 4Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 5Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 6Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 7Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 8Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 9Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 10Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 11Page - Texas Instruments TLV320AIC1107PWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
TLV320AIC1107
SLAS360 − DECEMBER 2001
8
www.ti.com
electrical characteristics over recommended ranges of supply voltage and operating free-air temperature
(unless otherwise noted) (continued)
receive filter transfer, companded mode (A-law) or linear mode selected (MCLK = 2.048 MHz) (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fEAROUT < 100 Hz
−15
fEAROUT = 200 Hz
−5
fEAROUT = 300 Hz to 3 kHz
− 0.5
0.5
Gain relative to input signal gain at 1.02 kHz
fEAROUT = 3.4 kHz
−1.5
0
dB
Gain relative to input signal gain at 1.02 kHz
fEAROUT = 4 kHz
−14
dB
fEAROUT = 4.6 kHz
−35
fEAROUT = 8 kHz
−47
NOTE 10: Volume control = − 3 dB, PCMI data input to − 1 dB level (32-
Ω load)
receive idle channel noise and distortion, companded mode (A-law) selected (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive noise, C-message weighted
PCMI = 11111111 (A-law)
−90
−88
dBm0
PCMI to EAROUT−, EAROUT+ at 3 dBm0
21
PCMI to EAROUT−, EAROUT+ at 0 dBm0
25
PCMI to EAROUT−, EAROUT+ at − 5 dBm0
36
Receive signal-to-distortion ratio with 1.02-kHz
PCMI to EAROUT−, EAROUT+ at −10 dBm0
43
dB
Receive signal-to-distortion ratio with 1.02-kHz
sine-wave input
PCMI to EAROUT−, EAROUT+ at − 20 dBm0
40
dB
sine-wave input
PCMI to EAROUT−, EAROUT+ at − 30 dBm0
38
PCMI to EAROUT−, EAROUT+ at − 40 dBm0
28
PCMI to EAROUT−, EAROUT+ at − 45 dBm0
23
NOTE 10: Volume control = − 3 dB, PCMI data input to − 1 dB level (32-
Ω load)
receive idle channel noise and distortion, linear mode selected (see Note 10)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Receive noise, (20 Hz to 20 kHz brickwall window)
PCMI = 0000000000000
−83
−78
dBm0
PCMI to EAROUT−, EAROUT+ at 3 dBm0
48
52
PCMI to EAROUT−, EAROUT+ at 0 dBm0
51
56
PCMI to EAROUT−, EAROUT+ at − 5 dBm0
57
59
Receive signal-to-distortion ratio with 1.02-kHz
PCMI to EAROUT−, EAROUT+ at −10 dBm0
55
62
dB
Receive signal-to-distortion ratio with 1.02-kHz
sine-wave input (0 − 4 kHz)
PCMI to EAROUT−, EAROUT+ at − 20 dBm0
51
53
dB
sine-wave input (0 − 4 kHz)
PCMI to EAROUT−, EAROUT+ at − 30 dBm0
45
47
PCMI to EAROUT−, EAROUT+ at − 40 dBm0
42
47
PCMI to EAROUT−, EAROUT+ at − 45 dBm0
35
45
Intermodulation distortion, 2-tone CCITT method,
CCITT G.712 (7.1), R2
50
dB
Intermodulation distortion, 2-tone CCITT method,
composite power level, −13 dBm0
CCITT G.712 (7.2), R2
54
dB
NOTE 10: Volume control = − 3 dB, PCMI data input to − 1 dB level (32-
Ω load)


Similar Part No. - TLV320AIC1107PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1107PW TI-TLV320AIC1107PW Datasheet
220Kb / 17P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1107PWR

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC14406 MOTOROLA-MC14406 Datasheet
418Kb / 10P
   FULL DUPLEX 8-BIT COMPANDED PCM CODEC
MC145402 MOTOROLA-MC145402 Datasheet
137Kb / 16P
   Serial 13-Bit Linear Codec
MC145482 MOTOROLA-MC145482 Datasheet
221Kb / 19P
   5V 13-BIT LINEAR PCM CODEC-FILTER
MC145483 MOTOROLA-MC145483 Datasheet
220Kb / 19P
   3V 13-BIT LINEAR PCM CODEC-FILTER
logo
Fairchild Semiconductor
SPT5420 FAIRCHILD-SPT5420 Datasheet
118Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
Freescale Semiconductor...
MC145483ENR2 FREESCALE-MC145483ENR2 Datasheet
1Mb / 24P
   3 V 13-BIT LINEAR PCM CODEC-FILTER
logo
Cadeka Microcircuits LL...
SPT5420 CADEKA-SPT5420 Datasheet
208Kb / 8P
   13-BIT, OCTAL D/A CONVERTER
logo
ams AG
AS3502 AMSCO-AS3502 Datasheet
364Kb / 29P
   13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
logo
Micro Linear Corporatio...
ML2330 MICRO-LINEAR-ML2330 Datasheet
210Kb / 7P
   Selectable Dual 3V/3.3V/5V 8-Bit DACs
logo
Wolfson Microelectronic...
WM8146 WOLFSON-WM8146 Datasheet
195Kb / 17P
   12-bit(84-bit) Linear Sensor Image Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com