Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS20A20-1227.60-T3 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AFS20A20-1227.60-T3
Description  Surface Mount 1227.60MHz SAW Filter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AFS20A20-1227.60-T3 Datasheet(HTML) 1 Page - Abracon Corporation

  AFS20A20-1227.60-T3 Datasheet HTML 1Page - Abracon Corporation AFS20A20-1227.60-T3 Datasheet HTML 2Page - Abracon Corporation AFS20A20-1227.60-T3 Datasheet HTML 3Page - Abracon Corporation AFS20A20-1227.60-T3 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount 1227.60MHz SAW Filter
AFS20A20-1227.60-T3
ELECTRICAL SPECIFICATIONS:
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit www.abracon.com for Terms & Conditions of Sale
|
TEST CIRCUIT:
2.0 x 1.6 x 0.75 mm
Maximum Ratings
• 2.0 x 1.6 x 0.75 mm low profile SMT package
• Low Insertion loss
• Excellent selectivity with high out-of-band rejection
• Wireless Communication
• Remote Control
• Cellular Phones
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not
Moisture Sensitive - MSL = N/A: Not Applicable
Revised: 02.16.15
Item
Value
Input Power Level
+20 dBm max.
DC Permissive Voltage
3V DC max.
Operating Temperature Range
-55oC to + 105oC
Storage Temperature Range
-55oC to + 105oC
Note #1: No matching network required for operation into 50Ω's
Parameters
Minimum
Typical
Maximum
Units
Notes
Center Frequency (fc
z
H
M
0
6
.
7
2
2
1
)
B
d
0
0
.
3
0
6
.
2
)
L
I
(
s
s
o
L
n
o
it
r
e
s
n
I
z
H
M
2
4
0
2
h
t
d
i
w
d
n
a
B
B
d
3
z
H
M
6
.
7
3
2
1
~
0
6
.
7
1
2
1
B
d
0
0
.
2
0
8
.
0
e
l
p
p
i
R
e
d
u
ti
l
p
m
A
z
H
M
6
.
7
3
2
1
~
0
6
.
7
1
2
1
s
n
6
2
2
1
y
a
l
e
D
p
u
o
r
G
z
H
M
6
.
7
3
2
1
~
0
6
.
7
1
2
1
s
n
0
7
3
2
e
l
p
p
i
R
y
a
l
e
D
p
u
o
r
G
Worst-Case Input / Output Return Loss
8.0
10.5
dB
1217.60 ~ 1237.6MHz
Stop-band Attenuation
(Referenced to 0.0 dB)
15
20
dB
300MHz ~ 1152MHz
15
20
1302MHz ~ 1900MHz
15
21
1900MHz ~ 3000MHz
Source Impedance (ZS
0
5
)
See note # 1
Load Impedance (ZL
0
5
)
See note # 1
Pb RoHS/RoHS II compliant


Similar Part No. - AFS20A20-1227.60-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS20A20-1910.00-T2 ABRACON-AFS20A20-1910.00-T2 Datasheet
2Mb / 4P
   Surface Mount 1910.00MHz SAW Filter
07.24.12
AFS20A20-1910.00-T3 ABRACON-AFS20A20-1910.00-T3 Datasheet
2Mb / 4P
   Surface Mount 1910.00MHz SAW Filter
04.16.13
More results

Similar Description - AFS20A20-1227.60-T3

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS915D ABRACON-AFS915D Datasheet
155Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS868.35E ABRACON-AFS868.35E Datasheet
173Kb / 1P
   CERAMIC SURFACE-MOUNT SAW FILTER
AFS20A20-1910.00-T3 ABRACON-AFS20A20-1910.00-T3 Datasheet
2Mb / 4P
   Surface Mount 1910.00MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
   Surface Mount 2017.50MHz SAW Filter
07.23.12
AFS20A42-1575.42-T2 ABRACON-AFS20A42-1575.42-T2 Datasheet
1Mb / 4P
   Surface Mount 1575.42MHz SAW Filter
05.21.12
ASFS20A26-915.00-T2 ABRACON-ASFS20A26-915.00-T2 Datasheet
1Mb / 4P
   Surface Mount 915.00MHz SAW Filter
05.21.12
AFS14A04-1575.42-T2 ABRACON-AFS14A04-1575.42-T2 Datasheet
2Mb / 4P
   Surface Mount 1575.42MHz SAW Filter
06.20.12
AFS14A11-722.00-T2 ABRACON-AFS14A11-722.00-T2 Datasheet
2Mb / 4P
   Surface Mount 722.00MHz SAW Filter
09.22.14
AFS14A30-2185.00-T2 ABRACON-AFS14A30-2185.00-T2 Datasheet
2Mb / 4P
   Surface Mount 2185.00MHz SAW Filter
07.23.12
AFS20A20-1910.00-T2 ABRACON-AFS20A20-1910.00-T2 Datasheet
2Mb / 4P
   Surface Mount 1910.00MHz SAW Filter
07.24.12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com