Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3110 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV320AIC3110
Description  TLV320AIC3110 Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3110 Datasheet(HTML) 5 Page - Texas Instruments

  TLV320AIC3110_16 Datasheet HTML 1Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 2Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 3Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 4Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 5Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 6Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 7Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 8Page - Texas Instruments TLV320AIC3110_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
5
TLV320AIC3110
www.ti.com
SLAS647C – DECEMBER 2009 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TLV320AIC3110
Device Comparison
Copyright © 2009–2016, Texas Instruments Incorporated
3
Device Comparison
Table 3-1. Device Features Comparison
FUNCTION
TLV320AIC3100
TLV320AIC3110
TLV320AIC3111
TLV320AIC3120
DACs
2
2
2
1
ADCs
1
1
1
1
Inputs / Outputs
3/3
3/4
3/4
3/2
Resolution (Bits)
16, 20, 24, 32
16, 20, 24, 32
16, 20, 24, 32
16, 20, 24, 32
Control Interface
I2C
I2C
I2C
I2C
Digital Audio Interface
LJ, RJ, I2S, TDM, DSP
LJ, RJ, I2S, TDM, DSP
LJ, RJ, I2S, TDM, DSP
LJ, RJ, I2S, TDM, DSP
Number of Digital Audio Interfaces
1
1
1
1
Speaker Amplifier Type
Mono Differential
Class-D
Stereo Differential
Class-D
Stereo Differential
Class-D
Mono Differential
Class-D
Configurable miniDSP
No
No
Yes
Yes
Headphone Driver
Yes
Yes
Yes
Yes


Similar Part No. - TLV320AIC3110_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3110_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3110IRHBT TI1-TLV320AIC3110IRHBT Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101_14 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI1-TLV320DAC3101 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320DAC3101 TI-TLV320DAC3101_15 Datasheet
1Mb / 100P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320AIC3110 TI1-TLV320AIC3110_14 Datasheet
1Mb / 127P
[Old version datasheet]   Low-Power Audio Codec With Audio Procsessing and Stereo Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100 Datasheet
1Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100-Q1 TI-TLV320DAC3100-Q1_15 Datasheet
1Mb / 101P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320DAC3100 TI1-TLV320DAC3100_14 Datasheet
1Mb / 99P
[Old version datasheet]   Low-Power Stereo Audio DAC With Audio Processing and Mono Class-D Speaker Amplifier
TLV320AIC3100 TI1-TLV320AIC3100 Datasheet
1Mb / 129P
[Old version datasheet]   Low-Power Audio Codec With Audio Processing and Mono Class-D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com