Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3120 Datasheet(PDF) 2 Page - Texas Instruments

Part # TLV320AIC3120
Description  TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 2 Page - Texas Instruments

  TLV320AIC3120_16 Datasheet HTML 1Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 2Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 3Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 4Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 5Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 6Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 7Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 8Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 160 page
background image
Audio Output Stage
Power Management
RC CLK
Digital
Audio
Processing
and
Serial
Interface
SDOUT
SDIN
BCLK
WCLK
MCLK
PLL
7-Bit ADC
P0/R117
Volume-Control Register
P0/R116
Digital Vol
24 dB to
Mute
P0/R64
miniDSP
Processing
Blocks
SPKP
SPKP
SPKM
SPKM
Class-D Speaker
Driver
6 dB to 24 dB (6-dB Steps)
Class A/B
Headphone/Lineout
Driver
0 dB to 9 dB (1-dB Steps)
Analog Attenuation
0 dB to –78 dB and Mute
(0.5-dB Steps / Nonlinear)
Analog Attenuation
0 dB to –78 dB and Mute
(0.5-dB Steps / Nonlinear)
HPVDD
SPKVDD
SPKVSS
AVDD
AVSS
SPKVSS
SPKVDD
VOL/
MICDET
HPOUT
SCL
SDA
GPIO
GPIO1
MIX
MIX
MIC1LP
DAC
MIX
RESET
DVDD
DVSS
IOVDD
IOVSS
OSC
RC CLK
MIC1LP
Selectable
Gain/Input
Impedance
VCOM
Selectable
Gain/Input
Impedance
P1/R47
0 to 59.5 dB
(0.5-dB steps)
AGC
MIC1RP
I C
2
2 V/2.5 V/AVDD
MICBIAS
Digital Vol
–12..20 dB
Step = 0.5 dB
Mono ADC
Note: Normally,
MCLK is PLL input;
however, BCLK
and GPIO1 can
also be PLL input.
D S
-
ADC
D S
-
DAC
De-Pop
and
Soft-
Start
P1/R33–R34
S
S
S
P1/R42
P1/R46
P1/R38
P1/R30
P1/R40
P1/R31
P1/R36
P0/R86–R93
P1/R48
P1/R49
Input CM
P1/R50
B0205-06
P0/R82–R83
HPVSS
MIC1RP
MIC1LM
Mono DAC
Digtal Mic
Interface
Clock
Data
Note: Digital Mic
Clock and Data
routed to GPIO1
and DIN pins.
P0/R51 and R54
L Data
L Data
R Data
(L + R)/2 Data
P0/R63
miniDSP
Processing
Blocks
Copyright © 2016, Texas Instruments Incorporated
2
TLV320AIC3120
SLAS653B – FEBRUARY 2010 – REVISED AUGUST 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TLV320AIC3120
Device Overview
Copyright © 2010–2016, Texas Instruments Incorporated
1.4
Functional Block Diagram


Similar Part No. - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com