Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC3120 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320AIC3120
Description  TLV320AIC3120 Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
Download  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC3120 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC3120_16 Datasheet HTML 7Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 8Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 9Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 10Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 11Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 12Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 13Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 14Page - Texas Instruments TLV320AIC3120_16 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 160 page
background image
11
TLV320AIC3120
www.ti.com
SLAS653B – FEBRUARY 2010 – REVISED AUGUST 2016
Submit Documentation Feedback
Product Folder Links: TLV320AIC3120
Specifications
Copyright © 2010–2016, Texas Instruments Incorporated
(1)
Maximum power dissipation is TJMAX – TA) / RθJA
5.6
Power Dissipation Ratings
(1)
This data was taken using 2-oz. (0,071-mm thick) trace and copper pad that is soldered to a JEDEC high-K, standard 4-layer
3-inch × 3-inch (7,62-cm × 7,62-cm) PCB.
Power Rating at 25°C
Derating Factor
Power Rating at 70°C
Power Rating at 85°C
2.3 W
28.57 mW/°C
1 W
0.6 W
5.7
I
2S, LJF, and RJF Timing in Master Mode
All specifications at 25°C, DVDD = 1.8 V. Note: All timing specifications are measured at characterization but not tested at
final test. See Figure 5-1.
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
45
20
ns
td(DO-WS)
WCLK to DOUT delay (for LJF mode only)
45
20
ns
td(DO-BCLK)
BCLK to DOUT delay
45
20
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns
5.8
I
2S, LJF, and RJF Timing in Slave Mode
All specifications at 25°C, DVDD = 1.8 V. Note: All timing specifications are measured at characterization but not tested at
final test. See Figure 5-2.
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
tH(BCLK)
BCLK high period
35
35
ns
tL(BCLK)
BCLK low period
35
35
ns
ts(WS)
WCLK setup
8
6
ns
th(WS)
WCLK hold
8
6
ns
td(DO-WS)
WCLK to DOUT delay (for LJF mode only)
45
20
ns
td(DO-BCLK)
BCLK to DOUT delay
45
20
ns
ts(DI)
DIN setup
8
6
ns
th(DI)
DIN hold
8
6
ns
tr
Rise time
4
4
ns
tf
Fall time
4
4
ns
5.9
DSP Timing in Master Mode
All specifications at 25°C, DVDD = 1.8 V. Note: All timing specifications are measured at characterization but not tested at
final test. See Figure 5-3.
PARAMETER
IOVDD = 1.1 V
IOVDD = 3.3 V
UNIT
MIN
MAX
MIN
MAX
td(WS)
WCLK delay
45
20
ns
td(DO-BCLK)
BCLK to DOUT delay
45
20
ns
ts(DI)
DIN setup
8
8
ns
th(DI)
DIN hold
8
8
ns
tr
Rise time
25
10
ns
tf
Fall time
25
10
ns


Similar Part No. - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
More results

Similar Description - TLV320AIC3120_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC3120 TI1-TLV320AIC3120 Datasheet
1Mb / 155P
[Old version datasheet]   Low-Power Mono Audio Codec With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120 Datasheet
1Mb / 108P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_15 Datasheet
1Mb / 113P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI1-TLV320DAC3120_14 Datasheet
1Mb / 114P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320DAC3120 TI-TLV320DAC3120_10 Datasheet
1Mb / 110P
[Old version datasheet]   Low-Power Mono Audio DAC With Embedded miniDSP and Mono Class-D Speaker Amplifier
TLV320AIC3111 TI-TLV320AIC3111 Datasheet
1Mb / 156P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
TLV320AIC3111_101 TI-TLV320AIC3111_101 Datasheet
1Mb / 154P
[Old version datasheet]   Low-Power Audio Codec With Embedded miniDSP and Stereo Class-D Speaker Amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
   Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Realtek Semiconductor C...
ALC231 REALTEK-ALC231 Datasheet
1Mb / 79P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
ALC221 REALTEK-ALC221 Datasheet
1Mb / 82P
   HIGH DEFINITION AUDIO CODEC WITH MONO CLASS-D SPEAKER AMPLIFIER
Rev. 0.65
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com