Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320AIC1110PBSG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLV320AIC1110PBSG4
Description  Differential Earphone Outputs and One Single-Ended Earphone Output
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV320AIC1110PBSG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV320AIC1110PBSG4 Datasheet HTML 7Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 8Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 9Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 10Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 11Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 12Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 13Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 14Page - Texas Instruments TLV320AIC1110PBSG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
TLV320AIC1110
SLAS359 – DECEMBER 2001
11
www.ti.com
electrical characteristics over recommended ranges of supply voltage and free-air temperature (unless
otherwise noted) (continued)
speaker interface
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 2.7 V, fully differential, 8-Ω load,
3-dBm0 output, volume control = – 3 dB,
RXPGA = – 4 dB level
161
200
Earphone AMP1 output power (see Note 6)
VDD = 2.7 V, fully differential, 16-Ω load,
3-dBm0 output, volume control = – 3 dB,
RXPGA = – 2 dB level
128
160
mW
VDD = 2.7 V, fully differential, 32-Ω load,
3-dBm0 output, volume control = – 3 dB,
RXPGA = – 1 dB level
81
100
Earphone AMP2 output power (see Note 6)
VDD = 2.7 V, single-ended, 32-Ω load,
3-dBm0 output
10
12.5
mW
VOO
Output offset voltage at EAR1
Fully differential
±5
±30
mV
3-dBm0 input, 8-
Ω load
141
178
I max
Maximum output current for EAR1 (rms)
3-dBm0 input, 16-
Ω load
90
112
mA
IOmax
Maximum out ut current for EAR1 (rms)
3-dBm0 input, 32-
Ω load
50
63
mA
Maximum output current for EAR2 (rms)
3-dBm0 input
17.7
22.1
EARMUTE
– 80
dB
NOTE 6: Maximum power is with a load impedance of –25%.
transmit gain and dynamic range, companded mode (
µ-law or A-law) or linear mode selected, transmit slope
filter bypassed (see Notes 7 and 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit reference-signal level (0 dB)
Differential
87.5
mVpp
Overload signal level (3 dBm0)
Differential, normal mode
124
mV
Overload-signal level (3 dBm0)
Differential, extended mode
31.5
mVpp
Absolute gain error
0-dBm0 input signal, VDD ±10%
–1
1
dB
Gi
ith i
t l
l
lti
t
i
t
MIC1N, MIC1P to PCMO at 3 dBm0 to –30 dBm0
– 0.5
0.5
Gain error with input level relative to gain at
–10 dBm0 MIC1N MIC1P to PCMO
MIC1N, MIC1P to PCMO at –31 dBm0 to –45 dBm0
–1
1
dB
–10 dBm0 MIC1N, MIC1P to PCMO
MIC1N, MIC1P to PCMO at –46 dBm0 to –55 dBm0
–1.2
1.2
dB
NOTES:
7. Unless otherwise noted, the analog input is 0 dB, 1020-Hz sine wave, where 0 dB is defined as the zero-reference point of the channel
under test.
8. The reference signal level, which is input to the transmit channel, is defined as a value 3 dB below the full-scale value of 88-mVrms.
transmit gain and dynamic range, companded mode (
µ-law or A-law) or linear mode selected, transmit slope
filter enabled (see Notes 7 and 8)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Transmit reference-signal level (0 dB)
Differential
87.5
mVpp
Overload signal level (3 dBm0)
Differential, normal mode
124
mV
Overload-signal level (3 dBm0)
Differential, extended mode
31.5
mVpp
Absolute gain error
0-dBm0 input signal, VDD ±10%
–1
1
dB
Gi
ith i
t l
l
lti
t
i
t
MIC1N, MIC1P to PCMO at 3 dBm0 to – 30 dBm0
– 0.5
0.5
Gain error with input level relative to gain at
–10 dBm0 MIC1N MIC1P to PCMO
MIC1N, MIC1P to PCMO at – 31 dBm0 to – 45 dBm0
–1
1
dB
–10 dBm0 MIC1N, MIC1P to PCMO
MIC1N, MIC1P to PCMO at – 46 dBm0 to – 55 dBm0
–1.2
1.2
dB
NOTES:
7. Unless otherwise noted, the analog input is 0 dB, 1020-Hz sine wave, where 0 dB is defined as the zero-reference point of the
channel under test.
8 The reference signal level, which is input to the transmit channel, is defined as a value 3 dB below the full-scale value of 88-mVrms.


Similar Part No. - TLV320AIC1110PBSG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC1110PBS TI-TLV320AIC1110PBS Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
TLV320AIC1110PBSR TI-TLV320AIC1110PBSR Datasheet
508Kb / 39P
[Old version datasheet]   PCM CODEC
More results

Similar Description - TLV320AIC1110PBSG4

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
RCA-122-3-P3NK ADAM-TECH-RCA-122-3-P3NK Datasheet
71Kb / 1P
   EARPHONE JACK
logo
Texas Instruments
TLV320AIC1109 TI1-TLV320AIC1109_14 Datasheet
371Kb / 28P
[Old version datasheet]   Earphone Mute and Microphone Mute
logo
Yamaichi Electronics Co...
AJ406-3-SMT YAMAICHI-AJ406-3-SMT Datasheet
160Kb / 3P
   SMT Earphone Jacks (∅2.5mm)
logo
Dubilier
DBCEJ0368-2T DUBILIER-DBCEJ0368-2T Datasheet
126Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
SUYIN USA, INC.
010110FB SUYIN-USA-010110FB Datasheet
136Kb / 1P
   2.5mm EARPHONE JACK S.M.D TYPE
logo
Dubilier
DBCEJ0365A-5 DUBILIER-DBCEJ0365A-5 Datasheet
79Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
Yamaichi Electronics Co...
LJE0252-B YAMAICHI-LJE0252-B Datasheet
242Kb / 4P
   TH Earphone Jacks (∅2.5mm)
logo
Dubilier
DBCEJ3530K DUBILIER-DBCEJ3530K Datasheet
109Kb / 1P
   AUDIO PCB 3.5mm EARPHONE JACK
logo
List of Unclassifed Man...
BASE ETC2-BASE Datasheet
178Kb / 1P
   requires adjustable volume earphone accessory
logo
SUYIN USA, INC.
010162FB SUYIN-USA-010162FB Datasheet
157Kb / 1P
   2.50mm EARPHONE JACK 3 POLES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com