Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC449 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC449
Description  High Voltage Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC449 Datasheet(HTML) 2 Page - ON Semiconductor

  BC449 Datasheet HTML 1Page - ON Semiconductor BC449 Datasheet HTML 2Page - ON Semiconductor BC449 Datasheet HTML 3Page - ON Semiconductor BC449 Datasheet HTML 4Page - ON Semiconductor BC449 Datasheet HTML 5Page - ON Semiconductor BC449 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BC447, BC449, BC449A
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector - Emitter Breakdown Voltage (Note 1)
(IC = 1.0 mAdc, IB = 0)
BC447
BC449, BC449A
V(BR)CEO
80
100
-
-
-
-
Vdc
Collector - Base Breakdown Voltage
(IC = 100 µAdc, IE = 0)
BC447
BC449, BC449A
V(BR)CBO
80
100
-
-
-
-
Vdc
Emitter - Base Breakdown Voltage
(IE = 10 µAdc, IC = 0)
V(BR)EBO
5.0
-
-
Vdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
BC447
(VCB = 80 Vdc, IE = 0)
BC449, BC449A
ICBO
-
-
-
-
100
100
nAdc
ON CHARACTERISTICS (Note 1)
DC Current Gain
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
(IC = 10 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
(IC = 100 mAdc, VCE = 5.0 Vdc)
BC447, BC449
BC449A
hFE
50
120
50
100
50
60
-
-
-
-
-
-
460
220
-
-
-
-
-
Collector - Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
-
0.125
0.25
Vdc
Base - Emitter Saturation Voltage
(IC = 100 mAdc, IB = 10 mAdc)
VBE(sat)
-
0.85
-
Vdc
Base - Emitter On Voltage
(IC = 2.0 mAdc, VCE = 5.0 Vdc)
(IC = 100 mAdc, VCE = 5.0 Vdc) (Note 1)
VBE(on)
0.55
-
-
0.76
0.7
1.2
Vdc
DYNAMIC CHARACTERISTICS
Current - Gain - Bandwidth Product
(IC = 50 mAdc, VCE = 5.0 Vdc, f = 100 MHz)
fT
100
200
-
MHz
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle 2%


Similar Part No. - BC449

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC440 MICRO-ELECTRONICS-BC440 Datasheet
128Kb / 2P
   COMPLEMENTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC440 CENTRAL-BC440 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Seme LAB
BC440 SEME-LAB-BC440 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
BC440 NJSEMI-BC440 Datasheet
87Kb / 1P
   SILICON PLANAR
logo
Seme LAB
BC440-4 SEME-LAB-BC440-4 Datasheet
15Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39
More results

Similar Description - BC449

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA42 MOTOROLA-MPSA42 Datasheet
121Kb / 4P
   High Voltage Transistors
logo
Leshan Radio Company
LMBT6517LT1G LRC-LMBT6517LT1G_15 Datasheet
253Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA92L ONSEMI-MMBTA92L Datasheet
103Kb / 4P
   High Voltage Transistors
October, 2016 ??Rev. 11
logo
Leshan Radio Company
LMBT5550LT1 LRC-LMBT5550LT1 Datasheet
114Kb / 5P
   High Voltage Transistors
logo
List of Unclassifed Man...
2SC507 ETC1-2SC507 Datasheet
79Kb / 1P
   High Voltage Transistors
logo
Guangdong Kexin Industr...
MMBT5550 KEXIN-MMBT5550 Datasheet
43Kb / 2P
   High Voltage Transistors
logo
Zowie Technology Corpor...
MMBT5550G ZOWIE-MMBT5550G Datasheet
218Kb / 4P
   High Voltage Transistors
logo
ON Semiconductor
BSP16T1G ONSEMI-BSP16T1G Datasheet
118Kb / 3P
   High Voltage Transistors
September, 2010 -- Rev. 7
logo
Motorola, Inc
BC450 MOTOROLA-BC450 Datasheet
243Kb / 6P
   High Voltage Transistors
MMBT5550LT1 MOTOROLA-MMBT5550LT1 Datasheet
199Kb / 6P
   High Voltage Transistors
logo
ON Semiconductor
MMBTA42L ONSEMI-MMBTA42L Datasheet
95Kb / 6P
   High Voltage Transistors
July, 2012 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com