Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-0603HP Datasheet(PDF) 4 Page - Abracon Corporation

Part # AISC-0603HP
Description  HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-0603HP Datasheet(HTML) 4 Page - Abracon Corporation

  AISC-0603HP Datasheet HTML 1Page - Abracon Corporation AISC-0603HP Datasheet HTML 2Page - Abracon Corporation AISC-0603HP Datasheet HTML 3Page - Abracon Corporation AISC-0603HP Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
|||||||||||| | | |
30332Esperanza, Rancho Santa Margarita, California
92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 04.06.13
Visit www.abracon.com for Terms & Conditions of Sale
HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
REFLOW PROFILE
TAPE & REEL:
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Pb RoHS/RoHS II Compliant
T= tape and reel (3,000pcs/reel)
Storage period
Use the product within 12 months after delivered. Solderability should be checked if this period is exceeded.
AISC-0603HP
1.80 x 1.12 x 1.02mm
A
B
F
K
T
W
1.15
1.80
4.00
0.95
0.20
8.00


Similar Part No. - AISC-0603HP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0603 ABRACON-AISC-0603 Datasheet
98Kb / 1P
   SURFACE-MOUNT CERAMIC WIRE-WOUND CHIP INDUCTORS
AISC-0603-R0018 ABRACON-AISC-0603-R0018 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0027 ABRACON-AISC-0603-R0027 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0033 ABRACON-AISC-0603-R0033 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-0603-R0036 ABRACON-AISC-0603-R0036 Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
More results

Similar Description - AISC-0603HP

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-0402HP ABRACON-AISC-0402HP Datasheet
1Mb / 4P
   HIGH CURRENT CERAMIC WIRE WOUND INDUCTORS
04.06.13
AISC-0805HQ ABRACON-AISC-0805HQ Datasheet
1Mb / 3P
   HIGH Q CERAMIC WIRE WOUND INDUCTORS
05.28.13
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
AISC-1008HQ ABRACON-AISC-1008HQ Datasheet
1Mb / 3P
   HIGH Q CERAMIC WIRE WOUND INDUCTORS
04.06.13
AISC-0603-R33J ABRACON-AISC-0603-R33J Datasheet
2Mb / 4P
   CERAMIC WIRE WOUND INDUCTORS
09.16.13
AISC-1210-XXX ABRACON-AISC-1210-XXX Datasheet
2Mb / 4P
   SMD CERAMIC WIRE-WOUND INDUCTORS
12.28.12
logo
Frontier Electronics.
1008C FRONTIER-1008C Datasheet
82Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0805C-2N2M FRONTIER-0805C-2N2M Datasheet
84Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
1210C-4N7K FRONTIER-1210C-4N7K Datasheet
102Kb / 3P
   SMD Wire Wound Ceramic Chip Inductors
0603C FRONTIER-0603C_15 Datasheet
215Kb / 3P
   SMD WIRE WOUND CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com