Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMC-0201-39N Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIMC-0201-39N
Description  MULTILAYER CHIP CERAMIC INDUCTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIMC-0201-39N Datasheet(HTML) 2 Page - Abracon Corporation

  AIMC-0201-39N Datasheet HTML 1Page - Abracon Corporation AIMC-0201-39N Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TAPE & REEL: T = Tape and reel 15,000pcs/reel
MULTILAYER CHIP CERAMIC INDUCTORS
|||||||||||||| |
AIMC-0201
0.6 x 0.3 x 0.3mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 06.02.11
Visit www.abracon.com for Terms & Conditions of Sale
OUTLINE DRAWING:
Dimension: mm [inch]
Series
L
W
T
a1,a2
AIMC-0201
0.60±0.05
0.30±0.05
0.30±0.05
0.10~0.20
[0.024±0.002]
[0.012±0.002]
[0.012±0.002]
[0.004~0.008]
Codes
A
B
C
D
E
F
G
H
ΦJ
t(max)
AIMC-0201
0.4±0.05
0.7±0.05
8.0±0.3
3.5±0.05
1.75±0.1
2.0±0.05
2.0±0.05
4.0±0.1
1.5+0.1/-0
0.55±0.05
Test condition:
1) peel angle: 165°~180° vs. carrier tape.
2) peel speed: 300 mm/min±10%.
A
178±2
B
60±2
C
13.0±0.5
D
21.0±0.8
E
2.0±0.5
W
10.0±1.15
t
1.2±0.2
R
1.0±0.25
Dimension: mm
N
Peeling strength of cover tape
0.3~0.7 (30gf~70gf)


Similar Part No. - AIMC-0201-39N

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
AIMC-0402HQ-10N ABRACON-AIMC-0402HQ-10N Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
AIMC-0402HQ-11N ABRACON-AIMC-0402HQ-11N Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
AIMC-0402HQ-15N ABRACON-AIMC-0402HQ-15N Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
More results

Similar Description - AIMC-0201-39N

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Frontier Electronics.
TF160808 FRONTIER-TF160808_15 Datasheet
115Kb / 2P
   SMD MULTILAYER CERAMIC CHIP INDUCTORS
logo
Shanghai Leiditech Elec...
LSCQ LEIDITECH-LSCQ Datasheet
7Mb / 13P
   SMD Ceramic Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com