Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIRD-03-5R6 Datasheet(PDF) 2 Page - Abracon Corporation

Part # AIRD-03-5R6
Description  RADIAL DRUM CORE POWER CHOKE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIRD-03-5R6 Datasheet(HTML) 2 Page - Abracon Corporation

  AIRD-03-5R6 Datasheet HTML 1Page - Abracon Corporation AIRD-03-5R6 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AIRD-03
|||||||||||||| |
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.31.12
Visit www.abracon.com for Terms & Conditions of Sale
Pb RoHS
Compliant
OUTLINE DIMENSION:
PART NUMBER IDENTIFICATION
ISO 9001:2008
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applica-
tions. Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where
component failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and
authorization from Abracon Corporation is required. Please contact Abracon Corporation for more information.
21.0 x ϕ28.0 mm
RADIAL DRUM CORE POWER CHOKE
*M for L = 1.0 ~ 8.2µH
K for L = 1.0 ~ 19,000µH
AIRD-03-
Inductance Code
Please refer to the
Electrical Spec Table
Tolerance
M: ±20%*
K: ±10%*
Key Electrical Specifications (Con’d)
Part Number
Inductance
Tolerance
DCR (Max)
Saturation
Current (Max)
Temperature Rise
Current (Max)
Units
μH
%
Ω
A
A
Symbol
L
K, M
DCR
Isat*
Irms*
AIRD-03-272
2700
K
1.140
2.3
1.3
AIRD-03-332
3300
K
1.270
2.0
1.3
AIRD-03-392
3900
K
1.670
1.8
1.0
AIRD-03-472
4700
K
1.860
1.7
1.0
AIRD-03-193
19000
K
9.00
1.0
0.5
Test Conditions and equipments
Test frequency: 1Hz, 0.1Vrms
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value
Irms Δ T of 40°C temperature rise max
0.087Max.
(2.2 Max.)
0.87±0.03
(22±0.8)
1.10 Max.
(28.0 Max.)
0.157±0.008
(4.0 ± 0.2)
1.10Max
(28.0Max. )
Dimension: inch (mm)


Similar Part No. - AIRD-03-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD-03 ABRACON-AIRD-03 Datasheet
104Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
More results

Similar Description - AIRD-03-5R6

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD02 ABRACON-AIRD02 Datasheet
2Mb / 2P
   RADIAL DRUM CORE POWER CHOKE
07.31.12
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com