Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIRD-06-470 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIRD-06-470
Description  Power Line Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIRD-06-470 Datasheet(HTML) 1 Page - Abracon Corporation

  AIRD-06-470 Datasheet HTML 1Page - Abracon Corporation AIRD-06-470 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Ferrite core with UL tube
• Wire wound construction
• High current, low DCR
AIRD-06
|||||||||||||| |
STANDARD SPECIFICATIONS
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.31.12
Visit www.abracon.com for Terms & Conditions of Sale
• Electronic Appliance
• Power Supplies
• TRIAC/SCR Control Circuits
Power Line Inductor
Operating Temperature: -25°C~ +85°C
Storage Temperature: -25°C~ +125°C
Pb RoHS
Compliant
21.0 x ϕ21.0 mm
Test Conditions and equipments
Part Number
Inductance
Tolerance
Q min
DCR
(Max)
Saturation
Current (Max)
Temperature Rise
Current (Max)
Inductance
Code
Units
μH
%
Ω
A
A
Symbol
L
K, M
DCR
Isat
Irms
AIRD-06-1R0
1.0
M
15
0.003
108
11.4
1R0M
AIRD-06-1R2
1.2
M
15
0.003
108
11.4
1R0M
AIRD-06-1R5
1.5
M
15
0.003
83
11.4
1R5M
AIRD-06-1R8
1.8
M
15
0.003
68
11.4
1R8M
AIRD-06-2R2
2.2
M
15
0.004
68
11.4
2R2M
AIRD-06-2R7
2.7
M
15
0.005
58
11.4
2R7M
AIRD-06-3R3
3.3
M
15
0.005
58
11.4
3R3M
AIRD-06-3R9
3.9
M
15
0.005
50
11.4
3R9M
AIRD-06-4R7
4.7
M
15
0.005
50
11.4
4R7M
AIRD-06-5R6
5.6
M
15
0.006
44
11.4
5R6M
AIRD-06-6R8
6.8
M
15
0.007
39
11.4
6R8M
AIRD-06-8R2
8.2
M
15
0.007
36
11.4
8R2M
AIRD-06-100
10
K
15
0.009
30
11.4
100K
AIRD-06-120
12
K
15
0.009
27
11.4
120K
AIRD-06-150
15
K
15
0.013
25
9.0
150K
AIRD-06-180
18
K
15
0.018
22
7.2
180K
AIRD-06-220
22
K
15
0.019
21
7.2
220K
AIRD-06-270
27
K
15
0.026
20.5
5.5
270K
AIRD-06-330
33
K
15
0.029
18.6
5.5
330K
AIRD-06-390
39
K
15
0.030
17.0
5.5
390K
AIRD-06-470
47
K
15
0.035
15.1
5.5
470K
AIRD-06-560
56
K
15
0.039
13.6
5.5
560K
AIRD-06-680
68
K
15
0.053
12.7
4.8
680K
AIRD-06-820
82
K
15
0.060
11.3
4.8
820K
AIRD-06-101
100
K
15
0.080
10.4
4.0
101K
AIRD-06-121
120
K
15
0.090
9.4
4.0
121K
AIRD-06-151
150
K
15
0.098
8.6
4.0
151K
AIRD-06-181
180
K
15
0.110
7.8
4.0
181K
AIRD-06-221
220
K
15
0.150
7.0
2.8
221K
AIRD-06-271
270
K
15
0.213
6.3
2.0
271K
AIRD-06-331
330
K
15
0.305
5.2
1.6
331K
AIRD-06-391
390
K
15
0.320
4.9
1.6
391K
AIRD-06-471
470
K
15
0.355
4.5
1.6
471K
AIRD-06-561
560
K
15
0.388
4.1
1.6
561K
AIRD-06-681
680
K
15
0.430
3.7
1.6
681K
AIRD-06-821
820
K
15
0.590
3.4
1.3
821K
AIRD-06-102
1000
K
15
0.818
3.1
1.0
102K
AIRD-06-122
1200
K
15
1.140
2.7
0.8
122K
AIRD-06-152
1500
K
15
1.260
2.4
0.8
152K
AIRD-06-182
1800
K
15
1.390
2.2
0.8
182K
AIRD-06-222
2200
K
15
1.540
2.0
0.8
222K
L test frequency: 1kHz, 0.1Vrms
Q test frequency: 50kHz, 0.1Vrms
DCR: QuadTech Milliohmmeter
Isat: 10% inductance drops from initial value


Similar Part No. - AIRD-06-470

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD-06 ABRACON-AIRD-06 Datasheet
104Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
More results

Similar Description - AIRD-06-470

ManufacturerPart #DatasheetDescription
logo
TAI-TECH Advanced Elect...
AHP160808FA TAI-TECH-AHP160808FA Datasheet
76Kb / 1P
   Inductor For Power Line
logo
RENCO ELECTRONICS, INC.
RL-5900 RENCO-RL-5900 Datasheet
1Mb / 2P
   HIGH VOLTAGE POWER LINE INDUCTOR
logo
List of Unclassifed Man...
SNL201212 ETC2-SNL201212 Datasheet
133Kb / 3P
   SMD Inductor for Signal Line
logo
Murata Manufacturing Co...
LQH2HP_G0 MURATA-LQH2HP_G0 Datasheet
73Kb / 2P
   Chip Inductor Power Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFRCR875D-102M XFMRS-XFRCR875D-102M_15 Datasheet
59Kb / 1P
   Power Inductor
XFHCL2-1R8M XFMRS-XFHCL2-1R8M Datasheet
37Kb / 1P
   Power Inductor
XFRCH654-102M XFMRS-XFRCH654-102M Datasheet
59Kb / 1P
   Power Inductor
XFRCRH875-100M XFMRS-XFRCRH875-100M Datasheet
59Kb / 1P
   Power Inductor
XFRCR110D-102M XFMRS-XFRCR110D-102M_15 Datasheet
58Kb / 1P
   Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com