Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIRD-03-222 Datasheet(PDF) 1 Page - Abracon Corporation

Part # AIRD-03-222
Description  RADIAL DRUM CORE POWER CHOKE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AIRD-03-222 Datasheet(HTML) 1 Page - Abracon Corporation

  AIRD-03-222 Datasheet HTML 1Page - Abracon Corporation AIRD-03-222 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Ferrite core with UL tube
• Wire wound construction
• High current rated, low DCR
AIRD-03
|||||||||||||| |
STANDARD SPECIFICATIONS
APPLICATIONS:
FEATURES:
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 07.31.12
Visit www.abracon.com for Terms & Conditions of Sale
• Electronic Appliance
• Power Supplies
• TRIAC/SCR Control Circuits
RADIAL DRUM CORE POWER CHOKE
Operating Temperature: -25°C~ +85°C
Storage Temperature: -25°C~ +125°C
Pb RoHS
Compliant
21.0 x ϕ28.0 mm
Part Number
Inductance
Tolerance
DCR (Max)
Saturation
Current (Max)
Temperature Rise
Current (Max)
Units
μH
%
Ω
A
A
Symbol
L
K, M
DCR
Isat*
Irms*
AIRD-03-1R0
1.0
K, M
0.003
116
21
AIRD-03-1R2
1.2
K, M
0.003
116
21
AIRD-03-1R5
1.5
K, M
0.003
116
21
AIRD-03-1R8
1.8
K, M
0.003
90
21
AIRD-03-2R2
2.2
K, M
0.003
90
21
AIRD-03-2R7
2.7
K, M
0.003
74
21
AIRD-03-3R3
3.3
K, M
0.003
74
21
AIRD-03-3R9
3.9
K, M
0.003
62
21
AIRD-03-4R7
4.7
K, M
0.003
54
21
AIRD-03-5R6
5.6
K, M
0.003
54
21
AIRD-03-6R8
6.8
K, M
0.004
47
21
AIRD-03-8R2
8.2
K, M
0.004
42
21
AIRD-03-100
10
K
0.006
38
17
AIRD-03-120
12
K
0.008
35
13.5
AIRD-03-150
15
K
0.009
32
13.5
AIRD-03-180
18
K
0.010
29
13.5
AIRD-03-220
22
K
0.011
25
13.5
AIRD-03-270
27
K
0.012
23
13.5
AIRD-03-330
33
K
0.017
20
13.5
AIRD-03-390
39
K
0.022
19
11.4
AIRD-03-470
47
K
0.024
19
9.0
AIRD-03-560
56
K
0.026
17
9.0
AIRD-03-680
68
K
0.029
15
9.0
AIRD-03-820
82
K
0.032
14
9.0
AIRD-03-101
100
K
0.034
13
9.0
AIRD-03-121
120
K
0.046
12
7.2
AIRD-03-151
150
K
0.064
10
5.5
AIRD-03-181
180
K
0.072
9.7
5.5
AIRD-03-221
220
K
0.080
8.7
5.5
AIRD-03-271
270
K
0.110
7.9
4.5
AIRD-03-331
330
K
0.122
7.1
4.5
AIRD-03-391
390
K
0.169
6.7
4.0
AIRD-03-471
470
K
0.187
6.0
4.0
AIRD-03-561
560
K
0.210
5.5
4.0
AIRD-03-681
680
K
0.256
5.0
2.8
AIRD-03-821
820
K
0.320
4.5
2.0
AIRD-03-102
1000
K
0.426
4.1
2.0
AIRD-03-122
1200
K
0.462
3.7
2.0
AIRD-03-152
1500
K
0.518
3.4
2.0
AIRD-03-182
1800
K
0.705
2.8
1.6
AIRD-03-222
2200
K
1.020
2.5
1.3


Similar Part No. - AIRD-03-222

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD-03 ABRACON-AIRD-03 Datasheet
104Kb / 1P
   THRU-HOLE DRUM CORE POWER INDUCTORS
More results

Similar Description - AIRD-03-222

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AIRD02 ABRACON-AIRD02 Datasheet
2Mb / 2P
   RADIAL DRUM CORE POWER CHOKE
07.31.12
logo
Allied Components Inter...
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC50-1R8K-RC ALLIED-RDC50-1R8K-RC Datasheet
756Kb / 1P
   Radial Drum Core Inductors
RDC30 ALLIED-RDC30 Datasheet
369Kb / 1P
   Radial Drum Core Inductors
RDC20 ALLIED-RDC20 Datasheet
361Kb / 1P
   Radial Drum Core Inductors
RDC50 ALLIED-RDC50 Datasheet
818Kb / 1P
   Radial Drum Core Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com