Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AISC-1206H-680 Datasheet(PDF) 3 Page - Abracon Corporation

Part # AISC-1206H-680
Description  UNSHIELDED SMD POWER INDUCTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

AISC-1206H-680 Datasheet(HTML) 3 Page - Abracon Corporation

  AISC-1206H-680 Datasheet HTML 1Page - Abracon Corporation AISC-1206H-680 Datasheet HTML 2Page - Abracon Corporation AISC-1206H-680 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
REFLOW PROFILE:
TAPE & REEL:
UNSHIELDED SMD POWER INDUCTOR
|||||||||||||| |
AISC-1206H
3.2 x 1.6 x 1.8mm
RoHS
Compliant
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
ISO 9001:2008
CERTIFIED
30332Esperanza, Rancho Santa Margarita, California
tel 949-546-8000| fax 949-546-8001| www.abracon.com
Revised: 08.06.13
Visit www.abracon.com for Terms & Conditions of Sale
Dimension: mm
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
92688
T= tape and reel (1,500pcs/reel)
A±0.1
B±0.1
C±0.1
8.5
2.3
100
5
°
0.23¡Ó
0.05
2.1¡Ó
0.1
START
END
4¡Ó
0.1
+0.1
-0
1.75¡Ó
0.1
4¡Ó
0.1
2¡Ó
0.1
3.71¡Ó
0.1
1
.
0
Ó
¡
4
.
2
3.5¡Ó
0.1
160mmMin
400mmMin
560mmMax
blank
blank
8¡Ó
0.1
178
C
B
A
120 ¢X


Similar Part No. - AISC-1206H-680

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-1206 ABRACON-AISC-1206 Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
AISC-1206-10N ABRACON-AISC-1206-10N Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
AISC-1206-12N ABRACON-AISC-1206-12N Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
AISC-1206-15N ABRACON-AISC-1206-15N Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
AISC-1206-18N ABRACON-AISC-1206-18N Datasheet
1Mb / 4P
   Ceramic Wire Wound Inductors
10.11.13
More results

Similar Description - AISC-1206H-680

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AISC-2220H ABRACON-AISC-2220H Datasheet
1Mb / 3P
   UNSHIELDED SMD POWER INDUCTOR
12.28.12
ASPI-5619 ABRACON-ASPI-5619 Datasheet
1Mb / 3P
   SMD Unshielded Power Inductor
10.03.13
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
   SMD Unshielded Power Inductor
08/30/2019
LP_SERIES SEI-LP_SERIES Datasheet
591Kb / 7P
   SMD Unshielded Power Inductor
10/03/2019
logo
Tyco Electronics
DU1311 MACOM-DU1311 Datasheet
377Kb / 3P
   SMD Unshielded Power Inductor Series
logo
Abracon Corporation
ASPI-XXXXHC ABRACON-ASPI-XXXXHC Datasheet
875Kb / 2P
   SMD UNSHIELDED LOW PROFILE POWER INDUCTOR
10.05.09
logo
Tyco Electronics
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
   SMD Unshielded Inductor Series
logo
Accetek Electronics (Sh...
1MG ACCETEK-1MG Datasheet
284Kb / 4P
   Unshielded Power Inductor
1MH ACCETEK-1MH Datasheet
280Kb / 3P
   Unshielded Power Inductor
logo
Tyco Electronics
DH1364 MACOM-DH1364 Datasheet
59Kb / 3P
   SMD Unshielded Self-Leaded Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com