Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TM248CBK32F Datasheet(PDF) 3 Page - Texas Instruments

Part # TM248CBK32F
Description  32-BIT DYNAMIC RAM MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TM248CBK32F Datasheet(HTML) 3 Page - Texas Instruments

  TM248CBK32F Datasheet HTML 1Page - Texas Instruments TM248CBK32F Datasheet HTML 2Page - Texas Instruments TM248CBK32F Datasheet HTML 3Page - Texas Instruments TM248CBK32F Datasheet HTML 4Page - Texas Instruments TM248CBK32F Datasheet HTML 5Page - Texas Instruments TM248CBK32F Datasheet HTML 6Page - Texas Instruments TM248CBK32F Datasheet HTML 7Page - Texas Instruments TM248CBK32F Datasheet HTML 8Page - Texas Instruments TM248CBK32F Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TM124BBK32F, TM124BBK32U 1048576 BY 32BIT DYNAMIC RAM MODULE
TM248CBK32F, TM248CBK32U 2097152 BY 32BIT DYNAMIC RAM MODULE
SMMS649A − DECEMBER 1994 − REVISED JUNE 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Table 1. Connection Table
DATA BLOCK
RASx
CASx
DATA BLOCK
SIDE 1
SIDE 2†
CASx
DQ0 − DQ7
RAS0
RAS1
CAS0
DQ8 − DQ15
RAS0
RAS1
CAS1
DQ16 − DQ23
RAS2
RAS3
CAS2
DQ24 − DQ31
RAS2
RAS3
CAS3
† Side 2 applies to the TM248CBK32F only.
single-in-line memory module and components
PC substrate: 1,27
± 0,1 mm (0.05 inch) nominal thickness; 0.005 inch/inch maximum warpage
Bypass capacitors: Multilayer ceramic
Contact area for TM124BBK32F and TM248CBK32F: Nickel plate and gold plate over copper
Contact area for TM124BBK32U and TM248CBK32U: Nickel plate and tin / lead over copper
functional block diagram ( TM124BBK32F and TM248CBK32F, side 1)
1M
× 16
A0 −A9
DQ0 −
RAS
DQ7
W
LCAS
DQ8 −
UCAS
DQ15
A0 − A9
D8 − D15
D24 − D31
W
RAS0
CAS0
CAS1
RAS2
10
10
10
D0 − D7
D16 − D23
1M
× 16
A0 −A9
DQ0 −
RAS
DQ7
W
LCAS
DQ8 −
UCAS
DQ15
CAS2
CAS3
functional block diagram ( TM248CBK32F, side 2 )
1M
× 16
A0 −A9
DQ0 −
RAS
DQ7
W
LCAS
DQ8 −
UCAS
DQ15
A0 − A9
D0 − D7
D16 − D23
W
RAS1
CAS1
CAS0
RAS3
10
10
10
D8 − D15
D24 − D31
1M
× 16
A0 −A9
DQ0 −
RAS
DQ7
W
LCAS
DQ8 −
UCAS
DQ15
CAS3
CAS2


Similar Part No. - TM248CBK32F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM248CBK32F TI-TM248CBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
More results

Similar Description - TM248CBK32F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TM124BBJ32F TI-TM124BBJ32F Datasheet
143Kb / 10P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
TM124BBK32F TI-TM124BBK32F Datasheet
137Kb / 9P
[Old version datasheet]   32-BIT DYNAMIC RAM MODULE
logo
Siemens Semiconductor G...
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYM324020S SIEMENS-HYM324020S Datasheet
124Kb / 9P
   4M x 32-Bit Dynamic RAM Module
HYM322030S SIEMENS-HYM322030S Datasheet
113Kb / 9P
   2M x 32-Bit Dynamic RAM Module
HYM321160S SIEMENS-HYM321160S Datasheet
126Kb / 9P
   1M x 32-Bit Dynamic RAM Module
HYM322005S SIEMENS-HYM322005S Datasheet
85Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM322035S SIEMENS-HYM322035S Datasheet
79Kb / 10P
   2M x 32-Bit Dynamic RAM Module
HYM324020S-GS50 SIEMENS-HYM324020S-GS50 Datasheet
59Kb / 10P
   4M x 32-Bit Dynamic RAM Module
HYM321005S SIEMENS-HYM321005S Datasheet
83Kb / 10P
   1M x 32-Bit Dynamic RAM Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com