Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP3-0950L Datasheet(PDF) 9 Page - Coilcraft lnc.

Part # HP3-0950L
Description  Hexa-Path Magnetics
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

HP3-0950L Datasheet(HTML) 9 Page - Coilcraft lnc.

Back Button HP3-0950L Datasheet HTML 2Page - Coilcraft lnc. HP3-0950L Datasheet HTML 3Page - Coilcraft lnc. HP3-0950L Datasheet HTML 4Page - Coilcraft lnc. HP3-0950L Datasheet HTML 5Page - Coilcraft lnc. HP3-0950L Datasheet HTML 6Page - Coilcraft lnc. HP3-0950L Datasheet HTML 7Page - Coilcraft lnc. HP3-0950L Datasheet HTML 8Page - Coilcraft lnc. HP3-0950L Datasheet HTML 9Page - Coilcraft lnc. HP3-0950L Datasheet HTML 10Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Specifications subject to change without notice.
Please check our website for latest information.
Hexa-Path Magnetics
Document 613-9
Document 613-9 Revised 08/20/15
Connecting primary windings in parallel
When primary windings (Wpri) are connected in parallel, DCR decreases,
current ratings increase, and inductance and volt-time product remain the
same.
Example: For HPH-2400L, connect two primary windings in parallel:
Inductance = Inductancetable
= 194 µH
DCR = 1
÷ [Wpri × (1 ÷ DCRtable)]
= 1
÷ [(2 × (1 ÷ 0.030)] = 0.015 Ohms
VT
= VTtable
= 131.9 V-µsec
Irms = Irmstable × Wpri
= 2.90 × 2 = 5.8 A
Connecting secondary windings in series
When secondary windings (Wsec) are connected in series,
Irms remains
the same, but DCR increases.
Example: For HP6-2400L, connect four secondary windings in series,
creating a center tap at pins 9 and 5. For each half of the secondary:
DCR = DCRtable × Wsec
= 0.030 × 2 = 0.060 Ohms
Irms = Irmstable
= 2.9 A
Create a 100 Watt, 1 : 2, half bridge forward converter transformer with center tapped secondary
Choose HP6-2400L
Vin = 36 – 57 Vdc; Vout = 24 V, 4.2 A
DCR
Volt-time Peak energy
Part
Inductance
max
product
storage
Isat
Irms
number
(µH)
(Ohms)
(V-µsec)
(µJ)
(A)
(A)
HPH6-2400L
194 ±25%
0.030
131.9
N/A
N/A
2.90
Formulas used to calculate electrical characteristics
Connecting windings in series
Inductance = Inductancetable × (number of windings)2
DCR = DCRtable × number of windings
Isat = (Isattable × 6) ÷ number of windings connected in series
Irms = Irmstable
Connecting windings in parallel
Inductance = Inductancetable
DCR = 1
÷ [number of windings × (1 ÷ DCRtable)]
Isat = (Isattable × 6) ÷ number of windings connected in series
Irms = Irmstable × number of windings
1
Pri
2
3
12
11
10 Sec A
Sec B
5
4
6
7
8
9
Primary:
L= 194 µH
DCR =0.015
rms=5.8 A
VT = 131.9V-µsec
I
Each half secondary;
SecA(3-9), SecB(5-7):
DCR =0.06
rms=2.9 A
I


Similar Part No. - HP3-0950L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP3-0950L COILCRAFT-HP3-0950L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
More results

Similar Description - HP3-0950L

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
HP1-1400L COILCRAFT-HP1-1400L Datasheet
489Kb / 10P
   Hexa-Path Magnetics
HPX2126LB COILCRAFT-HPX2126LB_13 Datasheet
142Kb / 4P
   High Power PoE Signal Path Magnetics
HPX2126L COILCRAFT-HPX2126L Datasheet
245Kb / 4P
   High Power PoE Signal Path Magnetics
logo
Taoglas antenna solutio...
FXP14.09.0100A TAOGLAS-FXP14.09.0100A_13 Datasheet
436Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14240100B TAOGLAS-FXP14240100B Datasheet
277Kb / 7P
   FXP14 Hexa-Band Cellular Antenna
logo
List of Unclassifed Man...
PA700J ETC2-PA700J Datasheet
2Mb / 15P
   Hexa-Band Cellular SMD Antenna
logo
Taoglas antenna solutio...
FXP14R.A.07.0100A TAOGLAS-FXP14R.A.07.0100A_13 Datasheet
557Kb / 9P
   FXP14 Hexa-Band Cellular Antenna
FXP14.24.0100B TAOGLAS-FXP14.24.0100B_13 Datasheet
402Kb / 7P
   FXP14 Hexa Band Cellular Antenna
FXP14.07.0100A TAOGLAS-FXP14.07.0100A_14 Datasheet
453Kb / 7P
   FXP14 Hexa Band Cellular Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com