Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLVH431BQDBVRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431BQDBVRQ1
Description  LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLVH431BQDBVRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TLVH431BQDBVRQ1 Datasheet HTML 1Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 2Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 3Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 4Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 5Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 6Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 7Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 8Page - Texas Instruments TLVH431BQDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
aVREF
ppm
oC
+
V
REF(dev)
V
REF (TA
+25
oC)
106
DTA
z
KA +
∆V
KA
∆I
K
z
KA +
∆V
∆I [
z
KA
1 )
R1
R2
DVREF
DVKA
TLVH431A-Q1
TLVH431B-Q1
SLVS906B
– DECEMBER 2008 – REVISED MARCH 2011
www.ti.com
TLVH431A ELECTRICAL CHARACTERISTICS
at 25
°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TA = 25°C
1.228
1.24
1.252
VREF
Reference voltage
VKA = VREF, IK = 10 mA
V
TA = full range
(1)
1.209
1.271
(see Figure 1)
VREF deviation over full temperature
VREF(dev)
VKA = VREF, IK = 10 mA (see Figure 1)
11
31
mV
range(1) (2)
Ratio of VREF change to cathode
VK = VREF to 18 V, IK = 10 mA (see Figure 2)
–1.5
–2.7
mV/V
voltage change
Iref
Reference terminal current
IK = 10 mA, R1 = 10 kΩ, R2 = open (see Figure 2)
0.1
0.5
μA
Iref deviation over full temperature
Iref(dev)
IK = 10 mA, R1 = 10 kΩ, R2 = open (see Figure 2)
0.15
0.5
μA
range(1) (2)
Minimum cathode current for
IK(min)
VKA = VREF (see Figure 1)
60
100
μA
regulation
IK(off)
Off-state cathode current
VREF = 0, VKA = 18 V (see Figure 3)
0.02
0.1
μA
VKA = VREF, f ≤ 1 kHz, IK = 0.1 mA to 70 mA
|zKA|
Dynamic impedance(3)
0.25
0.4
(see Figure 1)
(1)
Full temperature range is
–40°C to 125°C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained over
the rated temperature range. The average full-range temperature coefficient of the reference input voltage,
αVREF, is defined as:
where
ΔTA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
(3)
The dynamic impedance is defined as:
When the device is operating with two external resistors (see Figure 2), the total dynamic impedance of the circuit is defined as:
4
Submit Documentation Feedback
Copyright
© 2008–2011, Texas Instruments Incorporated
Product Folder Link(s): TLVH431A-Q1 TLVH431B-Q1


Similar Part No. - TLVH431BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431BQDBVRQ1 TI1-TLVH431BQDBVRQ1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431BQDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
   LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431 Datasheet
232Kb / 34P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
[Old version datasheet]   LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
   Low Voltage Adjustable Precision Shunt Regulators
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
   Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
[Old version datasheet]   Low-Voltage Adjustable Precision Shunt Regulators
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432 Datasheet
347Kb / 14P
   Low Voltage Adjustable Precision Shunt Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com