Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG22B Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # BYG22B
Description  SUPER FAST SILICON MESA SMD RECTIFIER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYG22B Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  BYG22B Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYG22B Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
0
40
80
120
160
0.01
0.1
1
10
100
Tj – Junction Temperature ( °C )
200
94 9347
VR =VRRM
Figure 1. Typ. Reverse Current vs. Junction Temperature
0
0
0.4
0.8
1.2
1.6
2.0
Tamb – Ambient Temperature ( °C )
94 9351
40
80
120
160
200
RthJA=25K/W
100K/W
125K/W
150K/W
Figure 2. Max. Average Forward Current vs.
Ambient Temperature
0
0.6
1.2
1.8
2.4
0.01
0.1
1
10
100
VF – Forward Voltage ( V )
3.0
94 9352
Tj = 125°C
25
°C
75
°C
Figure 3. Max. Forward Current vs. Forward Voltage
0
0.2
0.4
0.6
0.8
0
20
40
60
80
140
IF – Forward Current ( A )
1.0
94 9353
100
120
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 4. Max. Reverse Recovery Time vs.
Forward Current
0
0
10
20
30
40
60
94 9354
0.2
0.4
0.6
0.8
IF – Forward Current ( A )
1.0
50
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 5. Max. Reverse Recovery Charge vs.
Forward Current
www.sunmate.tw


Similar Part No. - BYG22B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG22B VISHAY-BYG22B Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG22B VISHAY-BYG22B Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
logo
Shenzhen Taychipst Elec...
BYG22B TAYCHIPST-BYG22B Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG22B VISHAY-BYG22B Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22B VISHAY-BYG22B Datasheet
92Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 30-Oct-13
More results

Similar Description - BYG22B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG21 VISHAY-BYG21 Datasheet
58Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
BYG10D SUNMATE-BYG10D Datasheet
310Kb / 2P
   SURFACE MOUNT SILICON MESA (SMD) RECTIFIER DIODE
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com