Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG24J Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # BYG24J
Description  FAST AVALANCHE RECTIFIERS DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BYG24J Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  BYG24J Datasheet HTML 1Page - SUNMATE electronic Co., LTD BYG24J Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Maximum Repetitive Peak Reverse Voltage
VRRM
200
400
600
V
Minimum Breakdown Voltage at IR = 100 μAV(BR)
200
400
600
V
Maximum Average Forward Current
IF(AV)
1.5
A
Peak Forward Surge Current 10 ms single half
sine wave superimposed on rated load
Maximum Instantaneous
at IF = 1 A, Tj = 25 °C
1.15
Forward Voltage
(1)
at IF = 1.5 A, Tj = 25 °C
1.25
Maximum DC Reverse Current
at VR = VRRM, Tj = 25 °C
IR
1.0
at VR = VRRM, Tj = 100 °C
IR(H)
10
Maximum Reverse Recovery Time( IF = 0.5A, IR = 1.0A, Irr = 0.25A)
Trr
ns
Typical Thermal Resistance, Junction to Case
RӨJC
25
°C/W
Maximum Thermal Resistance, Junction to Ambient
(2)
RӨJA
150
°C/W
Pulse energy in avalanche mode, non repetitive
(inductive load switch off) I(BR)R = 1A, Tj = 25 °C
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Mounted on epoxy-glass hard tissue 35 µm * 17 mm² cooper area per electrode.
VF
V
RATING
A
IFSM
30
ER
20
mJ
μA
140
Case: SMA/DO-214AC, Molded Plastic
!
!
Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
!
Polarity: Cathode Band or Cathode Notch
!
Marking: Type Number
!
Weight: 0.064 grams (approx.)
Mechanical Data
Glass passivated junction
Low profile package
Fast reverse recovery time
Soft recovery characteristics
Low reverse current
Ideal for automated placement
A
B
C
D
G
H
E
J
Dim
MinMax
A
2.29
2.92
B
4.00
4.60
C
1.27
1.63
D
0.15
0.31
E
4.80
5.59
G
0.10
0.20
H
0.76
1.52
J
2.01
2.62
All Dimensions in mm
SMA(DO-214AC)
BYG24D - BYG24J
FAST AVALANCHE RECTIFIERS DIODES
CURRENT: 1.5 A
VOLTAGE RANGE: 200 - 600V
Features
!
!
!
!
!
!
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
1 of 2
www.sunmate.tw
SYMBOL
BYG24D
BYG24G
BYG24J
UNIT


Similar Part No. - BYG24J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG24J VISHAY-BYG24J Datasheet
68Kb / 3P
   Fast Avalanche SMD Rectifier
Rev. 1.2, 19-Oct-04
logo
EIC discrete Semiconduc...
BYG24J EIC-BYG24J Datasheet
133Kb / 2P
   FAST AVALANCHE RECTIFIERS
logo
Vishay Siliconix
BYG24J VISHAY-BYG24J Datasheet
92Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG24J TAYCHIPST-BYG24J Datasheet
3Mb / 2P
   Fast Avalanche SMD Rectifier
logo
Vishay Siliconix
BYG24J VISHAY-BYG24J Datasheet
86Kb / 4P
   Fast Avalanche SMD Rectifier
Revision: 21-Dec-11
More results

Similar Description - BYG24J

ManufacturerPart #DatasheetDescription
logo
Semikron International
SAA154 SEMIKRON-SAA154_09 Datasheet
188Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A_10 Datasheet
206Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
RGA37A SEMIKRON-RGA37A Datasheet
151Kb / 2P
   Fast Avalanche Diodes
FRA2A SEMIKRON-FRA2A Datasheet
154Kb / 2P
   Fast Avalanche Diodes
FRA1A SEMIKRON-FRA1A Datasheet
158Kb / 2P
   Fast Avalanche Diodes
SAA154 SEMIKRON-SAA154 Datasheet
146Kb / 2P
   Fast Avalanche Diodes
FRA1A SEMIKRON-FRA1A_10 Datasheet
210Kb / 2P
   Fast Avalanche Diodes
FRA3A SEMIKRON-FRA3A_10 Datasheet
211Kb / 2P
   Fast Avalanche Diodes
logo
EIC discrete Semiconduc...
BYG24D EIC-BYG24D Datasheet
133Kb / 2P
   FAST AVALANCHE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com