Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7111233DSER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV7111233DSER
Description  Over-Current and Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111233DSER Datasheet(HTML) 1 Page - Texas Instruments

  TLV7111233DSER Datasheet HTML 1Page - Texas Instruments TLV7111233DSER Datasheet HTML 2Page - Texas Instruments TLV7111233DSER Datasheet HTML 3Page - Texas Instruments TLV7111233DSER Datasheet HTML 4Page - Texas Instruments TLV7111233DSER Datasheet HTML 5Page - Texas Instruments TLV7111233DSER Datasheet HTML 6Page - Texas Instruments TLV7111233DSER Datasheet HTML 7Page - Texas Instruments TLV7111233DSER Datasheet HTML 8Page - Texas Instruments TLV7111233DSER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
OUT1
OUT2
GND
6
5
4
EN1
IN
EN2
1
2
3
TLV710
TLV711
1.5mmx1.5mmSON-6
(TOPVIEW)
IN
EN1
EN2
GND
OUT1
OUT2
ON
OFF ON
OFF
V
IN
C
IN
C
1 F
Ceramic
m
OUT1
C
OUT2
1 F
Ceramic
m
V
OUT1
V
OUT2
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
Dual, 200mA, Low-IQ
Low-Dropout Regulator for Portable Devices
1
FEATURES
DESCRIPTION
2
Very Low Dropout:
The TLV710 and TLV711 series of dual, low-dropout
(LDO) linear regulators are low quiescent current
150mV at IOUT = 200mA and VOUT = 2.8V
devices
with
excellent
line
and
load
transient
75mV at IOUT = 100mA and VOUT = 2.8V
performance.
These
LDOs
are
designed
for
40mV at IOUT = 50mA and VOUT = 2.8V
power-sensitive applications. These devices provide
2% Accuracy Over Temperature
a typical accuracy of 2% over temperature.
Low IQ of 35mA per Regulator
The TLV711 series provides an active pulldown
circuit to quickly discharge the outputs.
Multiple Fixed Output Voltage Combinations
Possible from 1.2V to 4.8V
In addition, the TLV711-D series of devices have
High PSRR: 70dB at 1kHz
pull-down resistors at the EN pins. This design helps
in disabling the device when the signal-driving EN
Stable with Effective Capacitance of 0.1mF
(1)
pins are in a weak, indeterminate state (for example,
Over-Current and Thermal Protection
the GPIO of a processor that might be three-stated
Dedicated VREF for Each Output Minimizes
during startup). The pull-down resistor pulls the
Crosstalk
voltage to the EN pins down to 0V, thus disabling the
device.
Available in 1.5mm × 1.5mm SON-6 Package
The TLV710 and TLV711 series are available in a
(1)
See the Input and Output Capacitor Requirements in the
Application Information section
1.5mm x 1.5mm SON-6 package, and are ideal for
handheld applications.
APPLICATIONS
Wireless Handsets, Smart Phones, PDAs
MP3 Players and Other Handheld Products
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV7111233DSER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111233DSER TI1-TLV7111233DSER Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111233DSER TI1-TLV7111233DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7111233DSER

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com