Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71718PDQNR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71718PDQNR
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71718PDQNR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV71718PDQNR Datasheet HTML 3Page - Texas Instruments TLV71718PDQNR Datasheet HTML 4Page - Texas Instruments TLV71718PDQNR Datasheet HTML 5Page - Texas Instruments TLV71718PDQNR Datasheet HTML 6Page - Texas Instruments TLV71718PDQNR Datasheet HTML 7Page - Texas Instruments TLV71718PDQNR Datasheet HTML 8Page - Texas Instruments TLV71718PDQNR Datasheet HTML 9Page - Texas Instruments TLV71718PDQNR Datasheet HTML 10Page - Texas Instruments TLV71718PDQNR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Frequency(Hz)
10
10M
80
70
60
50
40
30
20
10
0
100
1k
10k
G011
100k
1M
I
=30mA
OUT
I
=150mA
OUT
V
V
=0.5V
-
IN
OUT
Frequency(Hz)
10
10M
80
70
60
50
40
30
20
10
0
100
1k
10k
G012
100k
1M
I
=30mA
OUT
I
=150mA
OUT
V
V
=1V
-
IN
OUT
Temperature ( C)
°
-40
85
45
40
35
30
25
20
15
10
5
0
-27.5 -15 -2.5
10
G009
22.5
60
72.5
47.5
35
I
= 0 mA
OUT
OutputCurrent(mA)
0
350
3
2.5
2
1.5
1
0.5
0
50
100
150
200
G010
250
300
+85 C
°
+25 C
°
-
°
40 C
Input Voltage (V)
3
5.5
45
40
35
30
25
20
15
10
5
0
3.5
4
4.5
5
G007
+85 C
°
+25 C
°
-
°
40 C
I
= 0 mA
OUT
OutputCurrent(mA)
0
150
3000
2500
2000
1500
1000
500
0
25
50
G008
+85 C
°
+25 C
°
-
°
40 C
75
100
125
7
TLV717P
www.ti.com
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
At operating temperature range (TJ = –40°C to 85°C), TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.7 V (whichever is greater), IOUT
= 10 mA, VEN = VIN, and COUT = 1 µF, unless otherwise noted.
Figure 7. Ground Pin Current vs Input Voltage
Figure 8. Ground Pin Current vs Output Current
Figure 9. Ground Pin Current vs Temperature
Figure 10. Output Voltage vs Output Current
Figure 11. TLV71728PSRR vs Frequency
Figure 12. TLV71728PSRR vs Frequency


Similar Part No. - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71718PDQNR TI1-TLV71718PDQNR Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71718PDQNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com