Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV71736PDQNT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV71736PDQNT
Description  TLV717P 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV71736PDQNT Datasheet(HTML) 5 Page - Texas Instruments

  TLV71736PDQNT Datasheet HTML 1Page - Texas Instruments TLV71736PDQNT Datasheet HTML 2Page - Texas Instruments TLV71736PDQNT Datasheet HTML 3Page - Texas Instruments TLV71736PDQNT Datasheet HTML 4Page - Texas Instruments TLV71736PDQNT Datasheet HTML 5Page - Texas Instruments TLV71736PDQNT Datasheet HTML 6Page - Texas Instruments TLV71736PDQNT Datasheet HTML 7Page - Texas Instruments TLV71736PDQNT Datasheet HTML 8Page - Texas Instruments TLV71736PDQNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
TLV717P
www.ti.com
SBVS176B – OCTOBER 2011 – REVISED APRIL 2016
Product Folder Links: TLV717P
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
At operating temperature range (TJ = –40°C to 85°C), TJ = 25°C, VIN = VOUT(NOM) + 0.5 V or 1.7 V (whichever is greater), IOUT = 10 mA, VEN
= VIN, and COUT = 1 µF, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
1.7
5.5
V
VOUT
Output voltage range
1.2
5
V
IOUT
Output current
150
mA
DC output accuracy
TJ = +25°C
0.5%
VOUT ≥ 1.2 V, –40°C ≤ TJ ≤ +85°C
–1.5%
1.5%
VOUT ≤ 1.2 V
25
mV
ΔVO/VIN
Line regulation
VOUT(NOM) + 0.5 V ≤ VIN ≤ 5.5 V
1
5
mV
ΔVO/IOUT
Load regulation
0 mA
≤ IOUT ≤ 150 mA
10
20
mV
VDO
Dropout voltage
VIN = 0.98 × VOUT(NOM),
IOUT = 150 mA
1.2 V
≤ VOUT < 1.5 V
330
500
mV
1.5 V
≤ VOUT < 1.8 V
330
450
1.8 V
≤ VOUT ≤ 5 V
215
350
IGND
Ground pin current
IOUT = 0 mA
35
55
µA
ISHDN
Shutdown current
VEN ≤ 0.4 V, 2 V ≤ VIN ≤ 4.5 V
0.1
0.5
µA
PSRR
Power-supply
rejection ratio
VIN = 3.3 V, VOUT = 2.8 V,
IOUT = 30 mA
f = 10 Hz
70
dB
f = 100 Hz
70
f = 1 kHz
65
f = 10 kHz
60
f = 100 kHz
43
VNOISE
Output noise voltage
BW = 100 Hz to 100 kHz, VIN = 2.3 V, VOUT = 1.8 V,
IOUT = 10 mA
55
µVRMS
tSTR
Start-up time
COUT = 1 μF, IOUT = 150 mA
100
µs
ISC
Short current limit
VIN = min (VOUT(NOM) + 1 V, 5.5 V), VOUT = 0 V
40
mA
VHI
Enable high (enabled)
0.9
VIN
V
VLO
Enable low (disabled)
0
0.4
V
IEN
EN pin current
EN = 5.5 V
0.01
µA
RPULLDOWN
Pulldown resistor
120
Ω
UVLO
Undervoltage lockout
VIN rising
1.6
V


Similar Part No. - TLV71736PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV71736PDQNT TI1-TLV71736PDQNT Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
More results

Similar Description - TLV71736PDQNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV741P TI1-TLV741P Datasheet
1Mb / 27P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV741P TI1-TLV741P_18 Datasheet
1Mb / 30P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV717XX TI1-TLV717XX Datasheet
838Kb / 23P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV717P TI-TLV717P Datasheet
1Mb / 24P
[Old version datasheet]   150-mA, Low-Dropout Regulator with Foldback Current Limit for Portable Devices
TLV741P_1808 TI1-TLV741P_1808 Datasheet
1Mb / 36P
[Old version datasheet]   150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713 TI-TLV713_15 Datasheet
1Mb / 36P
[Old version datasheet]   TLV713 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV713P-Q1 TI-TLV713P-Q1_15 Datasheet
982Kb / 26P
[Old version datasheet]   TLV713P-Q1 Capacitor-Free, 150-mA, Low-Dropout Regulator With Foldback Current Limit for Portable Devices
TLV740P TI1-TLV740P Datasheet
1Mb / 26P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
TLV740P TI-TLV740P_V01 Datasheet
2Mb / 31P
[Old version datasheet]   TLV740P 300-mA, Low-Dropout Regulator With Foldback Current Limit
logo
Maxim Integrated Produc...
MAX8869 MAXIM-MAX8869_11 Datasheet
530Kb / 11P
   1A, Microcap, Low-Dropout, Linear Regulator Foldback Output Current Limit
Rev 1; 3/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com