Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC388PW Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC388PW
Description  LOW-DROPOUT 200mA LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC388PW Datasheet(HTML) 5 Page - Texas Instruments

  UCC388PW Datasheet HTML 1Page - Texas Instruments UCC388PW Datasheet HTML 2Page - Texas Instruments UCC388PW Datasheet HTML 3Page - Texas Instruments UCC388PW Datasheet HTML 4Page - Texas Instruments UCC388PW Datasheet HTML 5Page - Texas Instruments UCC388PW Datasheet HTML 6Page - Texas Instruments UCC388PW Datasheet HTML 7Page - Texas Instruments UCC388PW Datasheet HTML 8Page - Texas Instruments UCC388PW Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
UCC386, UCC387, UCC388
LOW DROPOUT 200mA LINEAR REGULATOR
SLUS377B - JULY 1999 - REVISED MAY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
overcurrent protection
The UCC386/7/8 uses a fixed, absolute, current limit in conjunction with a timed overcurrent function that
significantly reduces power dissipation in the event of a shorted load (see Figure 1). In this diagram, a 100-mA
load is applied to the output of the LDO. At some point, a fault is applied. When the current level exceeds the
overcurrent threshold of about 300 mA, a timer is started. If the current does not fall below the overcurrent
threshold before the timer times out, about 5.6 ms, the LDO declares an overcurrent condition exists and turns
off its output for about 5.6 ms. Note that the output current is internally limited to 600 mA. After the output has
been off for 5.6 ms, it is turned on for about 800
µs and again limited to 600 mA. If the current does not fall below
the overcurrent threshold before the 800-
µs timer expires, the output is again turned off for 5.6 ms. This process
repeats itself until the fault condition is removed from the output of the LDO. The average current supplied to
the faulted load by the LDO is approximately 112 mA. This is well below the maximum rated current of 200 mA
of the LDO. Therefore, for most applications that have adequate thermal dissipation for the LDO to operate at
full rated load, the thermal dissipation will also be adequate in a faulted condition.
UDG-98088
FAULT
APPLIED
0
100 mA
5.6 ms
5.6 ms
800 µs
300 mA
600 mA
FAULT
REMOVED
Figure 1. Current Waveform During a Fault
thermal shutdown
The LDOs have a thermal shutdown circuit that will turn the LDO output off before the die temperature reaches
damaging levels. When the die cools, the LDO will again function. The thermal shutdown circuit has a turn-off
threshold of nominally 140
°C, and a turn-on threshold of 115°C. These temperatures insure that the LDO will
not be damaged due to excessive power dissipation.
maximum load recovery
The LDO will start a load that has a large capacitance and a dc current component. One of the consequences
of the LDOs fault behavior is a maximum output capacitor value and load current that the LDO can restart after
an overcurrent condition has been declared. Figure 2 shows the maximum load that the LDO can re-start from
a faulted condition with a given output filter capacitor. Note that the LDO can start a much higher load than it
can restart after a fault. If the LDO is hiccuping into a load that it cannot re-start, either momentarily
disconnecting the load or a power cycle allows the LDO to start the load.


Similar Part No. - UCC388PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC388 TI-UCC388 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
UCC3880-4 TI-UCC3880-4 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-4 TI1-UCC3880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI-UCC3880-5 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI1-UCC3880-5 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC388PW

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com