Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC1858 Datasheet(PDF) 7 Page - Texas Instruments

Part # UCC1858
Description  High Efficiency, High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC1858 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UCC1858 Datasheet HTML 3Page - Texas Instruments UCC1858 Datasheet HTML 4Page - Texas Instruments UCC1858 Datasheet HTML 5Page - Texas Instruments UCC1858 Datasheet HTML 6Page - Texas Instruments UCC1858 Datasheet HTML 7Page - Texas Instruments UCC1858 Datasheet HTML 8Page - Texas Instruments UCC1858 Datasheet HTML 9Page - Texas Instruments UCC1858 Datasheet HTML 10Page - Texas Instruments UCC1858 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
UCC1858
UCC2858
UCC3858
BOOST
DIODE
CURRENT
V
OUT
T
S
V
CT
V
CAO
4.75V
>1V
SYNC
Figure 3a. Oscillator timing waveforms synchronized
to buck (DC/DC) PWM.
BOOST
DIODE
CURRENT
V
OUT
T
S
V
CT
V
CAO
4.75V
>1V
Figure 3b. Oscillator timing waveforms stand alone
operation.
Figure 2. Oscillator block diagram.
APPLICATION INFORMATION (cont.)
UDG-97121-1


Similar Part No. - UCC1858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1858 TI-UCC1858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
More results

Similar Description - UCC1858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1858 TI-UCC1858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com