Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3857DW Datasheet(PDF) 9 Page - Texas Instruments

Part # UCC3857DW
Description  Isolated Boost PFC Preregulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3857DW Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3857DW Datasheet HTML 3Page - Texas Instruments UCC3857DW Datasheet HTML 4Page - Texas Instruments UCC3857DW Datasheet HTML 5Page - Texas Instruments UCC3857DW Datasheet HTML 6Page - Texas Instruments UCC3857DW Datasheet HTML 7Page - Texas Instruments UCC3857DW Datasheet HTML 8Page - Texas Instruments UCC3857DW Datasheet HTML 9Page - Texas Instruments UCC3857DW Datasheet HTML 10Page - Texas Instruments UCC3857DW Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
UCC1857
UCC2857
UCC3857
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410
© FAX (603) 424-3460
R
IR
I
MULT
L PK
SENSE
MULT PK
=
(4)
The current amplifier can be compensated using a previ-
ously presented techniques (U-134) summarized here. A
simplified high frequency model for inductor current to
duty cycle transfer function is given by
Gs
i
d
Vo
L
id
L
S
()
=
∧ =
(5)
The gain of the current feedback path at the frequency of
interest (crossover) is given by
d
i
R
R
RV
L
SENSE
Z
ISE
=•
1
(6)
Where VSE is the ramp amplitude (p-p) which is 4.5V for
UCC3857. Combining equations. 5 and 6 yields the loop
gain of the current loop and equating it to 1 at the de-
sired crossover frequency can result in a design value for
RZ. The current loop crossover frequency should be lim-
ited to about 1/3 of the switching frequency of the con-
verter to ensure stability. See Unitrode Application Note
U-140 for further information.
Trailing Edge Delay
As shown in the waveforms of Fig. 1, the modified iso-
lated boost converter requires drive signals for the two
main (IGBT) switches and the auxiliary (MOSFET) switch
with certain timing relationships. The delay between
turn-off of an IGBT and turn-off of the MOSFET can be
programmed for the UCC1857. In a PFC application, the
input line varies from zero to the AC peak level, resulting
in a wide range of required duty ratios.
A fixed delay
time will induce line current distortion at the peaks of the
AC line under high line and/or light load conditions. This
is caused by the minimum controllable duty ratio im-
posed on the modulator by the fixed delay. If the mini-
mum controllable duty ratio is fixed, the inner current
loop can exhibit a limit cycle oscillation at the line peaks,
inducing line current distortion.
The UCC1857 has an adaptive MOSFET delay genera-
tor, which is directly modulated by load power demand.
Referring to Fig. 5, this circuit directly varies the delay
time based on the output level of the voltage error ampli-
fier, which in an average current mode PFC converter
with line feedforward is indicative of load power. The de-
lay time is programmed with external components, RD
and CD. The sequence of events starts when the inter-
nal CLK signal resets latch U2, causing PWMDEL to go
high and the Q output to go low. CD was discharged via
M1 and is held low until the internal PWM signal goes
low (indicating turn-off of either of the IGBT drives). At
this point M1 turns off and CD charges towards the 7.5V
reference through RD. A comparator U1 compares this
voltage to the voltage error amplifier output (VVAO). When
the voltage on CD is greater than VVAO, the latch U2 is
set causing PWMDEL to go low. PWMDEL is logically
ANDed with CLK to produce the signal which commands
the MOSFET driver output (MOSDRV). The delay time,
TD1, is given by
TD
R
C
n
V
DD
VAO
1
75
75
=•


.–
.
(7)
This technique reduces the overlap delay at light loads or
high lines, but maintains a longer delay when the line
voltage is low or the load is heavy. This by definition re-
duces the minimum controllable duty ratio to an accept-
able level, and is programmable by the user. Reducing
the delay time under light current conditions is accept-
able since the IGBT current is directly proportional to
load current. By providing programming flexibility with RD
and CD, the delay times can be optimized for current and
future classes of IGBT switches. The delay can also be
set to zero by removing CD from the circuit.
PWM
PWMDEL
CLK
VAO
12
DELAY
C
D
R
D
7.5V REF
CLK
MOSDRV
U2
S
R
Q
Q
Figure 5. Circuit for adaptive MOSFET delay
generation.


Similar Part No. - UCC3857DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3857 TI-UCC3857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
More results

Similar Description - UCC3857DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Linkage Goston Electron...
SM7650 LINKAGE-SM7650 Datasheet
2Mb / 7P
   BOOST _ PFC PSR composite flow controller
SM7630 LINKAGE-SM7630 Datasheet
2Mb / 8P
   BOOST _ PFC BUCK combination flow controller
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
   PFC Boost Inductor
logo
Coilcraft lnc.
FA2890-AL COILCRAFT-FA2890-AL Datasheet
144Kb / 1P
   PFC Boost Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com