Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3857DWTR Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3857DWTR
Description  Isolated Boost PFC Preregulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3857DWTR Datasheet(HTML) 4 Page - Texas Instruments

  UCC3857DWTR Datasheet HTML 1Page - Texas Instruments UCC3857DWTR Datasheet HTML 2Page - Texas Instruments UCC3857DWTR Datasheet HTML 3Page - Texas Instruments UCC3857DWTR Datasheet HTML 4Page - Texas Instruments UCC3857DWTR Datasheet HTML 5Page - Texas Instruments UCC3857DWTR Datasheet HTML 6Page - Texas Instruments UCC3857DWTR Datasheet HTML 7Page - Texas Instruments UCC3857DWTR Datasheet HTML 8Page - Texas Instruments UCC3857DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
UCC1857
UCC2857
UCC3857
PIN DESCRIPTIONS
AGND: Reference point of the internal reference and all
thresholds, as well as the return for the remainder of the
device except for the output drivers.
CA–: Inverting input of the inner current loop error ampli-
fier.
CAO: Output of the inner current loop error amplifier.
This output can swing between approximately 0.2V and
6V. It is one of the inputs to the PWM comparator.
VAO: This is the output of the voltage loop error ampli-
fier. It is internally clamped to approximately 5.6V by the
UCC3857 and can swing as low as approximately 0.1V.
Voltages below 0.5V on VAO will disable the MOSDRV
output and force the IGDRV1 and IGDRV2 outputs to a
zero overlap condition.
CRMS: A capacitor is connected between CRMS and
ground to average the AC line voltage over a half cycle.
CRMS is internally connected to the RMS detection cir-
cuitry.
CT: A capacitor (low ESR, ESL) is tied between CT and
ground to set the ramp generator switching frequency in
conjunction with RT. The ramp generator frequency is ap-
proximately given by:
f
RC
SW
TT
0.67
.
DELAY: A resistor to VREF and a capacitor to AGND are
connected to DELAY to set the overlap delay time for the
MOSDRV output stage. The overlap delay function can
be disabled by removing the capacitor to AGND.
IAC: A resistor is connected to the rectified AC input line
voltage from IAC. This provides the internal multiplier
and the RMS detector with instantaneous line voltage in-
formation.
IGDRV1: Driver output for one of the two external IGBT
power switches.
IGDRV2: Driver output for one of the two external IGBT
power switches.
MOSDRV: Driver output for the external power MOSFET
switch.
MOUT: Output of the analog multiply and divide circuit.
The output current from MOUT is fed into a resistor to
the return leg of the input bridge. The resultant waveform
forms the sine reference for the current error amplifier.
PKLMT: Inverting input of the peak current limit com-
parator. The threshold for this comparator is nominally
set to 0V. The peak limit comparator terminates the
MOSDRV, IGDRV1 and IGDRV2 outputs when tripped.
PGND: Return for all high level currents, internally tied to
the output driver stages of the UCC3857.
RT: A resistor, RT is tied between RT and ground to set
the charging current for the internal ramp generator. The
UCC3857 provides a temperature compensated 3.0V at
RT. The oscillator charging current is therefore: 3.0V/RT.
Current out of RT should be limited to 250
µA for best
performance.
VA–: This is the feedback input for the outer voltage con-
trol loop. An external opto isolator circuit provides the
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these specifications apply for TA = 0°C to 70°C for the
UCC3857, –40°C to +85°C for the UCC2857, and –55°C to +125°C for the UCC1857, VVIN, VVD = 12V, RT = 19.2K, CT = 680pF.
TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Soft Start
Charge Current
10
µA
Shutdown Comparator Threshold
Measured on SS
0
0.4
V
Multiplier
Output Current, IAC Limited
IAC = 100µA, VVAO = 5.5V, VCRMS = 0V
–200
µA
Output Current, Power Limited
IAC = 100µA, VVAO = 5.5V, VCRMS = 1V
–200
µA
Output Current, Zero
IAC = 0
–2
0
2
µA
Gain Constant
2.5
1/V
Zero Power, Peak Current
Zero Power Comparator Threshold
Measured on VAO
0.5
V
Peak Current Limit Comparator
Threshold
Measured on PKLMT
0
V
Note 1: Common mode voltages = 0V, VCAO = 3V


Similar Part No. - UCC3857DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3857 TI-UCC3857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
More results

Similar Description - UCC3857DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Linkage Goston Electron...
SM7650 LINKAGE-SM7650 Datasheet
2Mb / 7P
   BOOST _ PFC PSR composite flow controller
SM7630 LINKAGE-SM7630 Datasheet
2Mb / 8P
   BOOST _ PFC BUCK combination flow controller
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
   PFC Boost Inductor
logo
Coilcraft lnc.
FA2890-AL COILCRAFT-FA2890-AL Datasheet
144Kb / 1P
   PFC Boost Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com