Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3857DWTR Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC3857DWTR
Description  Isolated Boost PFC Preregulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3857DWTR Datasheet(HTML) 5 Page - Texas Instruments

  UCC3857DWTR Datasheet HTML 1Page - Texas Instruments UCC3857DWTR Datasheet HTML 2Page - Texas Instruments UCC3857DWTR Datasheet HTML 3Page - Texas Instruments UCC3857DWTR Datasheet HTML 4Page - Texas Instruments UCC3857DWTR Datasheet HTML 5Page - Texas Instruments UCC3857DWTR Datasheet HTML 6Page - Texas Instruments UCC3857DWTR Datasheet HTML 7Page - Texas Instruments UCC3857DWTR Datasheet HTML 8Page - Texas Instruments UCC3857DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
UCC1857
UCC2857
UCC3857
output voltage regulation information to VA– across the
isolation barrier.
SS: A capacitor is connected between SS and GND to
provide the UCC3857 soft start feature. The voltage on
VAO, is clamped to approximately the same voltage as
SS. An internal 10
µA (nominal) current source is pro-
vided by the UCC3857 to charge the soft start capacitor.
VD: Positive supply rail for the three output driver stages.
The voltage applied to VD must be limited to less than
18VDC. VD should be bypassed to PGND with a 0.1
µF
to 1.0
µF low ESR, ESL capacitor for best results. VD and
VIN can be isolated from each other with an RC lowpass
filter for better supply noise rejection.
VIN: Input voltage supply to the UCC3857. This voltage
must be limited to less than 18VDC. The UCC3857 is en-
abled when the voltage on VIN exceeds 13.75V (nomi-
nal).
VREF: Output of the precision 7.5V reference. A 0.01
µF
to 0.1
µF low ESR, ESL bypass capacitor is recom-
mended between VREF and AGND for best perform-
ance.
PIN DESCRIPTIONS (continued)
V
CT (PIN 20) &
V
CAO (PIN 8)
CLOCK
(INTERNAL)
TOGGLE F/F Q
(INTERNAL)
IGDRV1
(PIN 16)
IGDRV2
(PIN 18)
MOSDRV
(PIN 14)
TD1
Figure 1. Typical control circuit timing diagram.
UDG-98217
APPLICATION INFORMATION
UCC3857 is designed to provide a solution for single
stage power factor correction and step-down or step-up
function, using an isolated boost converter. The Typical
Application Circuit shows the implementation of a typical
isolated boost converter using IGBTs as main switches in
push-pull configuration and using a MOSFET as an auxil-
iary switch to accomplish soft-switching of IGBTs. Many
variations of this implementation are possible including
bridge-type circuits. The presense of low frequency ripple
on the output makes this approach practical for distrib-
uted bus applications. It will not provide the highly regu-
lated low ripple outputs typically required by logic level
supplies.
The circuit shown in the Typical Application Circuit pro-
vides several advantages over a more conventional ap-
proach of deriving a DC bus voltage from AC line with
power factor correction. The conventional approach uses
two power conversion stages and has higher cost and
complexity. With the use of UCC3857, the dual function-
ality of power factor correction and voltage step-down is
combined into a single stage.
The power stage comprises a current-fed push-pull con-
verter where the ON times of the push-pull switches (Q1
and Q2) are overlapped to provide effective duty cycle of
a conventional PWM boost converter.
When only one
switch is on, the power is transferred to the output


Similar Part No. - UCC3857DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3857 TI-UCC3857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
More results

Similar Description - UCC3857DWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1857 TI-UCC1857 Datasheet
127Kb / 10P
[Old version datasheet]   Isolated Boost PFC Preregulator Controller
logo
Linkage Goston Electron...
SM7650 LINKAGE-SM7650 Datasheet
2Mb / 7P
   BOOST _ PFC PSR composite flow controller
SM7630 LINKAGE-SM7630 Datasheet
2Mb / 8P
   BOOST _ PFC BUCK combination flow controller
logo
PCA ELECTRONICS INC.
EPC3246-XX PCA-EPC3246-XX_15 Datasheet
126Kb / 5P
   PFC Boost Inductor
logo
Cooper Bussmann, Inc.
CTX16-17309 COOPER-CTX16-17309 Datasheet
200Kb / 1P
   INDUCTOR, BOOST PFC
CTX16-17769-R COOPER-CTX16-17769-R Datasheet
219Kb / 1P
   INDUCTOR, BOOST PFC
logo
Coilcraft lnc.
JA4224 COILCRAFT-JA4224 Datasheet
150Kb / 1P
   PFC Boost Inductor
logo
PCA ELECTRONICS INC.
EPC3245-XX PCA-EPC3245-XX Datasheet
113Kb / 5P
   PFC Boost Inductor
EPC3246-XX PCA-EPC3246-XX Datasheet
125Kb / 5P
   PFC Boost Inductor
logo
Coilcraft lnc.
FA2890-AL COILCRAFT-FA2890-AL Datasheet
144Kb / 1P
   PFC Boost Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com