Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3858 Datasheet(PDF) 8 Page - Texas Instruments

Part # UCC3858
Description  High Efficiency, High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3858 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC3858 Datasheet HTML 4Page - Texas Instruments UCC3858 Datasheet HTML 5Page - Texas Instruments UCC3858 Datasheet HTML 6Page - Texas Instruments UCC3858 Datasheet HTML 7Page - Texas Instruments UCC3858 Datasheet HTML 8Page - Texas Instruments UCC3858 Datasheet HTML 9Page - Texas Instruments UCC3858 Datasheet HTML 10Page - Texas Instruments UCC3858 Datasheet HTML 11Page - Texas Instruments UCC3858 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
UCC1858
UCC2858
UCC3858
Capacitor Ripple Reduction
For a power system where the PFC boost converter is
followed by a DC-DC converter stage, there are benefits
to synchronizing the two converters. In addition to the
usual advantages such as noise reduction and stability,
proper synchronization can significantly reduce the ripple
currents in the boost circuit’s output capacitor. Fig. 5
helps illustrate the impact of proper synchronization by
showing a PFC boost converter together with the simpli-
fied input stage of a forward converter. The capacitor cur-
rent during a single switching cycle depends on the
status of the switches Q1 and Q2 and is shown in Fig. 6.
It can be seen that with a synchronization scheme that
maintains conventional trailing edge modulation on both
converters, the capacitor current ripple is highest. The
greatest ripple current cancellation is attained when the
overlap of Q1 off-time and Q2 on-time is maximized. One
method of achieving this is to synchronize the turn-on of
the boost diode (D1) with the turn-on of Q2. This ap-
proach implies that the boost converter’s leading edge is
pulse width modulated while the forward converter is
modulated with traditional trailing edge PWM. The
UCC3858 is designed as a leading edge modulator with
easy synchronization to the downstream converter to fa-
cilitate this advantage. Table 1 compares the ICBrms for
D1/Q2 synchronization as offered by UCC3858 vs. the
ICBrms for the other extreme of synchronizing the turn-on
of Q1 and Q2 for a 200W power system with a VBST of
385V.
APPLICATION INFORMATION (cont.)
Figure 5. Simplified representation of a 2-stage PFC
power supply.
Figure 6. Timing waveforms for synchronization
scheme.
BOOST
DIODE
CURRENT
V
OUT
V
CT
V
CAO
4.5V
>1V
SLOPE=
I
CH
C
T
CLK
T
S
Figure 3c. Frequency foldback mode.
80
60
R
FBM = 10k
FBL = VAO (V)
–1
–2
–3
0
–4
40
20
100
–5
–6
R
FBM = 25k
R
FBM = 100k
(R
T = 24k, C T = 330pF, NOMINAL FREQUENCY 100kHz)
Figure 4. Frequency foldback characteristics.
Switch Sync
Trailing-Edge PWM for
both Boost and Buck
Inverted Switch Sync
Leading-Edge Boost PWM
Trailing-Edge Buck PWM
UDG-97131
UDG-97130-1


Similar Part No. - UCC3858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3858 TI-UCC3858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
More results

Similar Description - UCC3858

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1858 TI-UCC1858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com