Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC387PWTR Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC387PWTR
Description  LOW-DROPOUT 200mA LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC387PWTR Datasheet(HTML) 1 Page - Texas Instruments

  UCC387PWTR Datasheet HTML 1Page - Texas Instruments UCC387PWTR Datasheet HTML 2Page - Texas Instruments UCC387PWTR Datasheet HTML 3Page - Texas Instruments UCC387PWTR Datasheet HTML 4Page - Texas Instruments UCC387PWTR Datasheet HTML 5Page - Texas Instruments UCC387PWTR Datasheet HTML 6Page - Texas Instruments UCC387PWTR Datasheet HTML 7Page - Texas Instruments UCC387PWTR Datasheet HTML 8Page - Texas Instruments UCC387PWTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UCC386, UCC387, UCC388
LOW DROPOUT 200mA LINEAR REGULATOR
SLUS377B - JULY 1999 - REVISED MAY 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Precision Positive Linear Voltage Regulator
D 0.2 V Dropout at 200 mA
D Ensured Reverse Input/Output Voltage
Isolation with Low Leakage
D Adjustable Output Voltage (Down to 1.25 V)
D Load Independent Low Quiescent Current
(10 A typical)
D Load Regulation of 5 mV from 0 mA to
200 mA
D Logic Shutdown Capability
D Shutdown Quiescent Current Below 2 A
D Short Circuit Protection - Duty Cycle
Limiting
D Remote Load Voltage Sense for Accurate
Load Regulation
description
The UCC386/7/8 positive linear pass regulator series is tailored for low-dropout applications where extremely
low quiescent power is required. Fabricated with BiCMOS technology ideally suited for low input to output
differential applications, the UCC386/7/8 will pass 200 mA while requiring only 200 mV of input voltage
headroom. Quiescent current is typically less than 10
µA. To prevent reverse current conduction, on-chip
circuitry limits the minimum forward voltage to 50 mV typical. Once the forward voltage limit is reached, the
input-output differential voltage is maintained as the input voltage drops until undervoltage lockout disables the
regulator.
block diagram and application circuit
UDG-98087
3
7
6
4
5
8
1
2
+
R1
R2
1.25 V
OVERCURRENT,
HICCUP CONTROL
& THERMAL
SHUTDOWN
SWITCH CONTROL
RS1
RS2
LOAD
UCC388 ONLY
FROM OPEN DRAIN
SHUTDOWN COMMAND
+
+
VOUT
GND
GND
VSENSE
VIN
GND
GND
OFFB
UCC386
UCC387
UCC388
R1
1.025 m
1.875 m
0
R2
625 k
625 k
OPEN
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
8
7
6
5
VOUT
GND
GND
VSENSE
VIN
GND
GND
OFFB
SOIC
DP PACKAGES
(TOP VIEW)
1
2
3
4
8
7
6
5
VIN
N/C
N/C
VOUT
OFFB
N/C
VSENSE
GND
TSSOP
PW PACKAGES
(TOP VIEW)


Similar Part No. - UCC387PWTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC387 TI-UCC387 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
More results

Similar Description - UCC387PWTR

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com