Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3858DW Datasheet(PDF) 10 Page - Texas Instruments

Part # UCC3858DW
Description  High Efficiency, High Power Factor Preregulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3858DW Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC3858DW Datasheet HTML 5Page - Texas Instruments UCC3858DW Datasheet HTML 6Page - Texas Instruments UCC3858DW Datasheet HTML 7Page - Texas Instruments UCC3858DW Datasheet HTML 8Page - Texas Instruments UCC3858DW Datasheet HTML 9Page - Texas Instruments UCC3858DW Datasheet HTML 10Page - Texas Instruments UCC3858DW Datasheet HTML 11Page - Texas Instruments UCC3858DW Datasheet HTML 12Page - Texas Instruments UCC3858DW Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
UCC1858
UCC2858
UCC3858
The discrete nature of the RMS voltage feedforward
means that there are regions of operation where the in-
put voltage changes, but the VRMS value fed into the mul-
tiplier does not change. The voltage error amplifier
compensates for this by changing its output to maintain
the required multiplier output current. When the output of
the ADC changes, there is a jump in the output of the er-
ror amplifier. There is a resultant shift in the foldback fre-
quency if the converter is at light load. However, the
impact of this change is minimal on the overall converter
operation.
Another key consideration with the RMS voltage scheme
is that it relies on the zero-crossing of the IAC signal to be
effective. At very light loads and high line conditions, the
rectified AC does not quite reach zero if a large capacitor
is being used for filtering on the rectified side of the
bridge. In such instances, the feedforward effect does not
take place and the controller functionality is lost. For
UCC3858, the IAC current should go below 10µA for the
zero crossing detection to take place. It is recommended
that the capacitor value be kept low enough for the light
load operation or the feedforward be derived directly from
the AC side of the input bridge as shown in the typical
applications circuit.
Gate Drive Considerations
The gate drive circuit in UCC3858 is designed for high
speed power switch drive. It consists of low impedance
pull-up and pull-down DMOS output stages. When oper-
ating with high bias voltages, in order to stay within the
SOA of the DMOS output stages, it is recommended that
the gate drive current be limited to 0.5A peak with the
use of external gate resistor. Please see the characteris-
tic curve in Fig. 8 for determining the required external re-
sistance.
Current Amplifier Set-up
The multiplier is set-up first by choosing the VRMS range.
The maximum multiplier output is at low line, full load
conditions. The inductor peak current also occurs at the
same point. The multiplier terminating resistor can be de-
termined using equation 5.
R
IL
R
I
MULT
PK
SENSE
MULT PK
=
(5)
The peak current limiting function provided by the
UCC3858 is integrated into MOUT. The signal on MOUT
is normally maintained at 0V as the (IMULT •RMULT) can-
cels the voltage drop across the sense resistor with
closed loop operation. During short circuit or transient
startup conditions, the multiplier current can not fully can-
cel the voltage drop across RSENSE and the voltage at
MOUT drops below 0V. The internal peak current limit is
activated when MOUT drops below –0.5V. The peak cur-
rent limit at any operating point is given by:
I
IR
R
LIM
MULT
MULT
SENSE
=
•+ 05
.
(6)
The current amplifier can be compensated using previ-
ously presented techniques, (Application Note U- 134),
summarized here. A simplified high frequency model for
inductor current to duty cycle transfer function is given
by:
Gs
i
d
V
sL
id
LO
()
=
=
(7)
The gain of the current feedback path at the frequency of
interest (crossover) is given by:
d
i
R
R
RV
L
SENSE
Z
ISE
=•
1
(8)
Where VSE is the ramp amplitude (p-p) which is 3.5V for
UCC3858. Combining equations 7 and 8 yields the loop
gain of the current loop and equating it to 1 at the de-
sired crossover frequency can result in a design value for
RZ. The current loop crossover frequency selected using
conventional trade offs. However, it should be ensured
that the current-loop is stable at the minimum switching
frequency under foldback conditions.
APPLICATION INFORMATION (cont.)
0
10
20
30
40
10
12
14
16
18
20
VDD(V)
Figure 8. Reguired series gate resistance as a
function of supply voltage.


Similar Part No. - UCC3858DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3858 TI-UCC3858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
More results

Similar Description - UCC3858DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1858 TI-UCC1858 Datasheet
343Kb / 12P
[Old version datasheet]   High Efficiency, High Power Factor Preregulator
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
UC1852 TI-UC1852_V01 Datasheet
802Kb / 10P
[Old version datasheet]   High Power-Factor Preregulator
UC3854N-F TI1-UC3854N-F Datasheet
312Kb / 12P
[Old version datasheet]   High Power Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com