Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC388DPTR Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC388DPTR
Description  LOW-DROPOUT 200mA LINEAR REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC388DPTR Datasheet(HTML) 4 Page - Texas Instruments

  UCC388DPTR Datasheet HTML 1Page - Texas Instruments UCC388DPTR Datasheet HTML 2Page - Texas Instruments UCC388DPTR Datasheet HTML 3Page - Texas Instruments UCC388DPTR Datasheet HTML 4Page - Texas Instruments UCC388DPTR Datasheet HTML 5Page - Texas Instruments UCC388DPTR Datasheet HTML 6Page - Texas Instruments UCC388DPTR Datasheet HTML 7Page - Texas Instruments UCC388DPTR Datasheet HTML 8Page - Texas Instruments UCC388DPTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UCC386, UCC387, UCC388
LOW DROPOUT 200mA LINEAR REGULATOR
SLUS377B - JULY 1999 - REVISED MAY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics, TA = TJ = 0 C to 70 C, VIN = VOUT+1.5 V, IOUT = 0 mA, COUT = 0.1 F (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UCC388 Adjustable Output (continued)
Current limit duty cycle
VOUT = 0 V
12.5
14
%
Overcurrent timeout, TON
VOUT = 0 V
550
900
1250
µs
Quiescent current
OFFB = VIN
10
20
µA
Shutdown quiescent current
VIN
≤ 8.5 V,
OFFB
≤ 0.5 V
2
5
µA
Shutdown threshold (OFF)
VIN = 8.5 V
0
0.5
V
Shutdown threshold (ON)
See Note 1
VIN -
0.5 V
V
Reverse leakage current
0 V < VIN < VOUT,
VOUT < 3.35 V, at VIN
10
µA
Reverse leakage current
0 V < VIN < VOUT,
VOUT < 3.35 V, at VOUT
10
µA
Bias current at VSENSE pin
50
nA
Minimum operating voltage
2.5
V
NOTE 1: An internal 100-nA pullup is provided for this function.
pin descriptions
GND: Chip Ground. All voltages are measured with respect to this pin. This is the low-noise ground reference
for input regulation. The output decoupling capacitor should be tied between VOUT and GND.
OFFB: Shutdown, active low. This pin must be externally pulled to GND to turn off the IC. Pulling this pin high
turns on the IC. This pin is internally pulled to VIN by 100-nA current source.
VIN: Positive supply input for the regulator. Bypass this pin to GND with at least 0.1
µF of low ESR, ESL
capacitance if the source is located further than 1 inch from the device.
VOUT: Output of the regulator. The regulator does not require a minimum output capacitance for stability,
however a small capacitor is recommended to improve transient response. Choose the appropriate size
capacitor for the application with respect to the required transient loading. For example, if the load is very
dynamic, a large capacitor will smooth out the response to load steps.
VSENSE: Externally programmable voltage sense node. For the UCC388, connect resistor divider network
between VOUT, VSENSE and GND to provide custom regulation level. For the UCC386 and UCC387, connect
this pin to VOUT as close to the load as possible.
APPLICATION INFORMATION
load independent current consumption
This series of LDOs is based on CMOS circuitry and uses a high-side P-channel pass element. Consequently,
the current consumed by the LDO is extremely low at 10
µA under normal operating conditions and does not
vary with load. The shutdown mode (OFFB = GND) consumes only 2
µA, making this series an excellent choice
for battery applications.
reverse voltage standoff
These LDOs are designed to operate with the voltage at the output greater than the voltage at the input. This
can be an advantage where a circuit needs to be powered from two separate power sources that must be kept
isolated, such as selecting between one of two or more batteries.


Similar Part No. - UCC388DPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC388 TI-UCC388 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
UCC3880-4 TI-UCC3880-4 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-4 TI1-UCC3880-4 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI-UCC3880-5 Datasheet
337Kb / 8P
[Old version datasheet]   Pentium Pro Controller
UCC3880-5 TI1-UCC3880-5 Datasheet
364Kb / 9P
[Old version datasheet]   Pentium Pro Controller
More results

Similar Description - UCC388DPTR

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Unisonic Technologies
UR132 UTC-UR132_05 Datasheet
111Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
UR132 UTC-UR132_11 Datasheet
192Kb / 4P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
logo
Maxim Integrated Produc...
MAX1598 MAXIM-MAX1598 Datasheet
363Kb / 9P
   Low-Noise, Low-Dropout, 200mA Linear Regulator
Rev 0; 10/02
logo
Linear Technology
LT3082 LINER-LT3082_15 Datasheet
299Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
LT3082 LINER-LT3082 Datasheet
295Kb / 20P
   200mA Single Resistor Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6161 FITIPOWER-FP6161 Datasheet
556Kb / 12P
   Low Input Voltage, Low-Dropout 200mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8532 MAXIM-MAX8532_12 Datasheet
315Kb / 8P
   Low-Noise, Low-Dropout,200mA Linear Regulator in UCSP
Rev 1; 2/12
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com