Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3829DW-1 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3829DW-1
Description  High Speed PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3829DW-1 Datasheet(HTML) 1 Page - Texas Instruments

  UCC3829DW-1 Datasheet HTML 1Page - Texas Instruments UCC3829DW-1 Datasheet HTML 2Page - Texas Instruments UCC3829DW-1 Datasheet HTML 3Page - Texas Instruments UCC3829DW-1 Datasheet HTML 4Page - Texas Instruments UCC3829DW-1 Datasheet HTML 5Page - Texas Instruments UCC3829DW-1 Datasheet HTML 6Page - Texas Instruments UCC3829DW-1 Datasheet HTML 7Page - Texas Instruments UCC3829DW-1 Datasheet HTML 8Page - Texas Instruments UCC3829DW-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SLUS390 - MARCH 1998
FEATURES
Compatible with Voltage or Current
Mode Control Methods
Practical Operation at Switching
Frequencies to 4MHz
50ns Propagation Delay to Output
High Current Complementary
Outputs
Programmable Dead Time and
Frequency Oscillator
Pulse by Pulse Current Limiting
Latched Overcurrent Comparator
with Full Cycle Restart
Programmable Undervoltage
Lockout (UVLO)
Adjustable Blanking for Leading
Edge Noise Tolerance
High Speed PWM Controller
UDG-98043
UCC1829-1/-2/-3
UCC2829-1/-2/-3
UCC3829-1/-2/-3
PRELIMINARY
DESCRIPTION
The UCC3829 is a BiCMOS High Speed PWM Controller IC. It is opti-
mized for high frequency switched mode power supply applications. The
IC can be used in both voltage mode and current mode control applica-
tions. Care was given to minimizing the propagation delays through the
comparators and logic circuitry while maximizing the bandwidth and slew
rate of the error amplifier. The oscillator frequency and deadtime can be
programmed via two external resistors and a capacitor. The undervolt-
age lockout threshold can be programmed using an external resistor di-
vider. The current limit and overcurrent threshold can be set externally.
The IC is available in push-pull (-1), single ended (-2), or complementary
(-3) output configuration.
Fault protection circuitry includes undervoltage detection for the internal
bias supply, and overcurrent detection. The fault detection logic sets a
latch that ensures full discharge of the soft start capacitor before allowing
a restart. While the fault latch is set, the outputs are in a low state. In the
event of continuous faults, the soft start capacitor is fully charged before
discharging to insure that the fault frequency does not exceed the de-
signed soft start period.
15
13
18
14
18
VDD
PGND
OUTA
OUTB
GND
10
SS
S
R
D
Q
Q
1V
2
INV
1
NINV
V
BIAS
3
EAOUT
5
RAMP
4
19
LEB
1.5V
1.2V
4V
6
RT2
7
CT
CLOCK
V
BIAS
8
RT1
9
BISYNC
S
R
Q
Q
T
>
Q
Q
V
BIAS
1.25V
0.9V
3V
REFERENCE
11
23
17
VREF
CL–
UVLO
2.1V
3V/2.5V
14.2V/9V
12
CL+
PWCONT
BLOCK DIAGRAM


Similar Part No. - UCC3829DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3829DW-1 TI1-UCC3829DW-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UCC3829DW-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com