Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3829DW-2 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3829DW-2
Description  High Speed PWM Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3829DW-2 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3829DW-2 Datasheet HTML 1Page - Texas Instruments UCC3829DW-2 Datasheet HTML 2Page - Texas Instruments UCC3829DW-2 Datasheet HTML 3Page - Texas Instruments UCC3829DW-2 Datasheet HTML 4Page - Texas Instruments UCC3829DW-2 Datasheet HTML 5Page - Texas Instruments UCC3829DW-2 Datasheet HTML 6Page - Texas Instruments UCC3829DW-2 Datasheet HTML 7Page - Texas Instruments UCC3829DW-2 Datasheet HTML 8Page - Texas Instruments UCC3829DW-2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
UCC1829-1/-2/-3
UCC2829-1/-2/-3
UCC3829-1/-2/-3
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, RT1 = 34.8k
Ω, CT = 470pF, RT2 = 392Ω, VDD = 12V,
Over Full Temperature Range and TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TJ = 25°C, No Load, Output Off
2.97
3
3.03
V
Over Temperature, No Load, Output Off
2.94
3.06
V
Line Regulation
VDD = 5V to 14.5V, Output Off, No Load, (Note 2)
35
50
mV
Load Regulation
0 < IREF < 5mA
2
10
mV
Total Output Variation
Line, Load, Temperature = 0°C to 70°C, (Note 1)
2.93
3.07
V
Line, Load, Temperature = –55°C to +125°C,
(Note 1)
2.90
3.10
V
Short Circuit Current
VREF = 0
–25
mA
Oscillator Section
Initial Accuracy
TJ = 25°C
360
400
440
kHz
Total Variation
Line, Temperature (Note 1)
320
480
kHz
Temperature Stability
TMIN < TA < TMAX (Note 1)
5
10
%
Initial Accuracy, 1MHz
RT1 = 25.7k, CT = 150pF, TJ = 25°C, (Note 1)
0.9
1
1.1
MHz
Total Variation, 1MHz
RT1 = 25.7k, CT = 150pF, Line, Temperature
(Note 1)
0.8
1.2
MHz
Ramp Peak Voltage
1.8
2
2.2
V
Ramp Valley Voltage
1
1.5
V
Peak To Peak Voltage
0.85
1
1.15
V
BISYNC Output Source Current
VBISYNC = VDD – 0.5V
–2
–1.5
mA
BISYNC Output Sink Current
VBISYNC = 0.5V
60
140
A
BISYNC Input Threshold
1
1.5
2
V
Error Amplifier Section
Input Offset Voltage
5mV
Input Bias Current
–1
1
µA
Input Offset Current
250
nA
Open Loop Gain
70
80
dB
CMRR
1.5V < VCM < 4.5V
75
dB
PSRR
5V < VDD < 14.5V
75
dB
Output Sink Current
VEAOUT = 1V
300
500
µA
Output Source Current
VEAOUT = 4V
–500
–300
µA
Output High Voltage
IEAOUT = –300
µA3
5
V
Output Low Voltage
IEAOUT = 300
µA
0.6
1
V
Gain Bandwidth Product
VDD = 12V, TJ = 25°C
5
7
MHz
Slew Rate
1.5
2
V/
µs
PWM Comparator Section
Input Bias Current V(RAMP)
–60
1
µA
Minimum Duty Cycle
400kHz
0
%
Maximum Duty Cycle (UCCX829-1)
400kHz, RT2 Resistor = 200
42.5
%
Maximum Duty Cycle (UCCX829-2, -3)
400kHz, RT2 Resistor = 200
85
%
Delay to Output
50
100
ns
Current Limit Fault Section
Soft Start Charge Current
–40
–10
µA
Soft Start Complete Threshold
SS Pin (Note 1)
3
V


Similar Part No. - UCC3829DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3829DW-2 TI1-UCC3829DW-2 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UCC3829DW-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com