Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3884 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3884
Description  Frequency Foldback Current Mode PWM Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3884 Datasheet(HTML) 5 Page - Texas Instruments

  UCC3884 Datasheet HTML 1Page - Texas Instruments UCC3884 Datasheet HTML 2Page - Texas Instruments UCC3884 Datasheet HTML 3Page - Texas Instruments UCC3884 Datasheet HTML 4Page - Texas Instruments UCC3884 Datasheet HTML 5Page - Texas Instruments UCC3884 Datasheet HTML 6Page - Texas Instruments UCC3884 Datasheet HTML 7Page - Texas Instruments UCC3884 Datasheet HTML 8Page - Texas Instruments UCC3884 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
UCC2884
UCC3884
www.ti.com............................................................................................................................................. SLUS160C – AUGUST 1999 – REVISED NOVEMBER 2008
ELECTRICAL CHARACTERISTICS (continued)
Unless otherwise specified, these specifications apply for TA = -40°C to 85°C for the UCC2884, and 0°C to 70°C for the
UCC3884, CT = 220 pF, RON = 53 kΩ, ROFF = 38 kΩ, VOUT = VREF, VVS = 0 V, CSS = 2.5 nF, VDD = 11 V, Output no load,
TA = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Volt Second Clamp
VVS = 1.4 V, TA = 40°C to 85°C
50%
60%
70%
VVS = 1.4 V, TA = 0°C to 70°C
52%
57%
67%
Duty cycle
VVS = 3.6 V, TA = –40°C to 85°C
20.5%
22.0%
25.5%
VVS = 3.6 V, TA = 0°C to 70°C
20.5%
22.0%
23.5%
IB
VVS = 3.7 V
–1
1
µA
Output Stage
Output low saturation
IOUT = 100 mA
0.5
0.9
IOUT = –50 mA
0.5
0.9
Output low saturation
V
IOUT = 200 mA
(2)
1.9
UVLO output low saturation
IOUT = 20 mA, VDD = 0 V
0.7
1.2
Rise time
CL = 1 nF
50
70
ns
Fall time
CL = 1 nF
30
50
Undervoltage Lockout
Turn-on threshold voltage
8.4
8.9
9.4
V
Hysteresis
200
600
1000
mV
Startup Regulator
Regulated VDD voltage
9.5
10
10.5
V
VDD override threshold
10.7
Overall
VDD range
14.5
V
IDD (run)
f = 400 kHz
2
5
10
mA
IDD startup current
VDD = 5.4 V
100
250
µA
VDD clamp
IDD = 10 mA
12
13.5
15
V
(2)
Specified by design. Not 100% tested in production.
Copyright © 1999–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC2884 UCC3884


Similar Part No. - UCC3884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3884 TI-UCC3884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
More results

Similar Description - UCC3884

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC1884 TI-UCC1884 Datasheet
267Kb / 8P
[Old version datasheet]   Frequency Foldback Current Mode PWM Controller
logo
Estek Electronics Co. L...
KA3842 ESTEK-KA3842 Datasheet
321Kb / 7P
   fixed frequency current mode PWM controller
logo
IK Semicon Co., Ltd
IL3842 IKSEMICON-IL3842 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
Integral Corp.
IL3842 INTEGRAL-IL3842 Datasheet
204Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
IK Semicon Co., Ltd
IL3843 IKSEMICON-IL3843_11 Datasheet
141Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_16 Datasheet
397Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843_16 Datasheet
386Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3842 IKSEMICON-IL3842_11 Datasheet
155Kb / 5P
   Fixed Frequency Current Mode PWM Controller
IL3843 IKSEMICON-IL3843 Datasheet
124Kb / 5P
   Fixed Frequency Current Mode PWM Controller
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com