Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7111812 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV7111812
Description  Over-Current and Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111812 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV7111812 Datasheet HTML 6Page - Texas Instruments TLV7111812 Datasheet HTML 7Page - Texas Instruments TLV7111812 Datasheet HTML 8Page - Texas Instruments TLV7111812 Datasheet HTML 9Page - Texas Instruments TLV7111812 Datasheet HTML 10Page - Texas Instruments TLV7111812 Datasheet HTML 11Page - Texas Instruments TLV7111812 Datasheet HTML 12Page - Texas Instruments TLV7111812 Datasheet HTML 13Page - Texas Instruments TLV7111812 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
250
200
150
100
50
0
0
20
40
60
80
100
120
140
160
180
I
(mA)
OUT
200
+125 C
°
+85 C
°
+25 C
°
-40°C
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
-40
-25
-10
5
20
35
50
65
80
95
110
JunctionTemperature( C)
°
125
10mA
150mA
200mA
V
=3.3V
IN
2.90
2.88
2.86
2.84
2.82
2.80
2.78
2.76
2.74
2.72
2.70
-40 -25 -10
5
20
35
50
65
80
95
110
JunctionTemperature( C)
°
125
10mA
150mA
200mA
V
=3.3V
IN
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
-40 -25 -10
5
20
35
50
65
80
95
110
JunctionTemperature( C)
°
125
10mA
150mA
200mA
V
=3.8V
IN
3.40
3.38
3.36
3.34
3.32
3.30
3.28
3.26
3.24
3.22
3.20
-40
-25
-10
5
20
35
50
65
80
95
110
JunctionTemperature( C)
°
125
10mA
150mA
200mA
V
=3.8V
IN
1.60
1.58
1.56
1.54
1.52
1.50
1.48
1.46
1.44
1.42
1.40
-40 -25 -10
5
20
35
50
65
80
95
110
JunctionTemperature( C)
°
125
10mA
150mA
200mA
V
=3.0V
IN
TLV710 Series
TLV711 Series
SBVS142A – JULY 2010 – REVISED AUGUST 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over operating temperature range of TJ = –40°C to +125°C, VEN1 = VEN2 = VIN, CIN = 1mF, COUT1 = 1mF, and COUT2 = 1mF,
unless otherwise noted. Typical values are at TJ = +25°C.
DROPOUT VOLTAGE vs OUTPUT CURRENT: VOUT2
OUTPUT VOLTAGE vs TEMPERATURE: VOUT1
(TLV7111525)
(TLV7101828)
Figure 25.
Figure 26.
OUTPUT VOLTAGE vs TEMPERATURE: VOUT2
OUTPUT VOLTAGE vs TEMPERATURE: VOUT1
(TLV7101828)
(TLV7103333)
Figure 27.
Figure 28.
OUTPUT VOLTAGE vs TEMPERATURE: VOUT2
OUTPUT VOLTAGE vs TEMPERATURE: VOUT1
(TLV7103333)
(TLV7111525)
Figure 29.
Figure 30.
10
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated


Similar Part No. - TLV7111812

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111812DSER TI1-TLV7111812DSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111812DSET TI1-TLV7111812DSET Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7111812

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com