Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV7111533D Datasheet(PDF) 5 Page - Texas Instruments

Part # TLV7111533D
Description  Over-Current and Thermal Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV7111533D Datasheet(HTML) 5 Page - Texas Instruments

  TLV7111533D Datasheet HTML 1Page - Texas Instruments TLV7111533D Datasheet HTML 2Page - Texas Instruments TLV7111533D Datasheet HTML 3Page - Texas Instruments TLV7111533D Datasheet HTML 4Page - Texas Instruments TLV7111533D Datasheet HTML 5Page - Texas Instruments TLV7111533D Datasheet HTML 6Page - Texas Instruments TLV7111533D Datasheet HTML 7Page - Texas Instruments TLV7111533D Datasheet HTML 8Page - Texas Instruments TLV7111533D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
OUT1
OUT2
GND
6
5
4
EN1
IN
EN2
1
2
3
TLV710 Series
TLV711 Series
www.ti.com
SBVS142A – JULY 2010 – REVISED AUGUST 2010
PIN CONFIGURATION
DSE PACKAGE
1.5mm x 1.5mm SON-6
(TOP VIEW)
PIN DESCRIPTIONS
NAME
PIN NO.
DESCRIPTION
Enable pin for regulator 1. Driving EN1 over 0.9V turns on regulator 1. Driving EN below 0.4V puts regulator
EN1
1
1 into shutdown mode.
Input pin. A small capacitor is needed from this pin to ground to assure stability. See Input and Output
IN
2
Capacitor Requirements in the Application Information section for more details.
Enable pin for regulator 2. Driving EN2 over 0.9V turns on regulator 2. Driving EN2 below 0.4V puts
EN2
3
regulator2 into shutdown mode.
GND
4
Ground pin.
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure
OUT2
5
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
Regulated output voltage pin. A small 1mF ceramic capacitor is needed from this pin to ground to assure
OUT1
6
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TLV7111533D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV7111533DDSER TI1-TLV7111533DDSER Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111533DDSER TI1-TLV7111533DDSER Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111533DDSET TI1-TLV7111533DDSET Datasheet
1Mb / 30P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
TLV7111533DDSET TI1-TLV7111533DDSET Datasheet
1Mb / 33P
[Old version datasheet]   Dual, 200mA, Low-IQ Low-Dropout Regulator for Portable Devices
More results

Similar Description - TLV7111533D

ManufacturerPart #DatasheetDescription
logo
Will Semiconductor Ltd.
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
   Over Voltage and Over Current Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
   Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
   Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
   Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
   Over Voltage and Over Current Protection IC
LP5302 POWER-LP5302 Datasheet
722Kb / 7P
   Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4805 HMSEMI-HM4805 Datasheet
659Kb / 5P
   Over voltage and over current protection IC
logo
Sangdest Microelectroni...
SLR1085 SMC-SLR1085 Datasheet
252Kb / 10P
   Current Limiting and Thermal Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com