Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV73333PDBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV73333PDBVR
Description  TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV73333PDBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV73333PDBVR Datasheet HTML 4Page - Texas Instruments TLV73333PDBVR Datasheet HTML 5Page - Texas Instruments TLV73333PDBVR Datasheet HTML 6Page - Texas Instruments TLV73333PDBVR Datasheet HTML 7Page - Texas Instruments TLV73333PDBVR Datasheet HTML 8Page - Texas Instruments TLV73333PDBVR Datasheet HTML 9Page - Texas Instruments TLV73333PDBVR Datasheet HTML 10Page - Texas Instruments TLV73333PDBVR Datasheet HTML 11Page - Texas Instruments TLV73333PDBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TJ (qC)
-40
-20
0
20
40
60
80
100
120
140
0.425
0.45
0.475
0.5
0.525
0.55
0.575
0.6
0.625
0.65
0.675
D014
VEN(LO)
VEN(HI)
Foldback Current Limit (mA)
150 200 250 300 350 400 450 500 550 600 650 700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
D023
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
0
8
16
24
32
40
D013
TJ = 25 qC
VIN (V)
0
1
2
3
4
5
6
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
50
100
D015
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
VIN (V)
2
2.5
3
3.5
4
4.5
5
5.5
1.796
1.798
1.8
1.802
1.804
1.806
1.808
1.81
1.812
1.814
1.816
D019
D010
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
IOUT (mA)
0
30
60
90
120
150
180
210
240
270
300
25
30
35
40
45
50
55
60
65
70
D012
TJ = -40 qC
TJ = 0 qC
TJ = 25 qC
TJ = 85 qC
TJ = 125 qC
8
TLV733P
SBVS235B – OCTOBER 2014 – REVISED NOVEMBER 2015
www.ti.com
Product Folder Links: TLV733P
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Typical Characteristics (continued)
at operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(nom) + 0.5 V or 2.0 V (whichever is greater), IOUT = 1 mA,
VEN = VIN, and CIN = COUT = 1 µF (unless otherwise noted)
TLV73318PDBV
Figure 13. 1.8-V Regulation vs VIN (Line Regulation) and
Temperature
Figure 14. Ground Pin Current vs IOUT and Temperature
Figure 15. Ground Pin Current vs VIN
IOUT = 0 mA
Figure 16. Shutdown Current vs VIN and Temperature
Figure 17. Enable Threshold vs Temperature
TLV73310PDBV
Figure 18. 1.0-V Foldback Current Limit vs
IOUT and Temperature


Similar Part No. - TLV73333PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV73333PQDBVRQ1 TI1-TLV73333PQDBVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV73333PQDRVRQ1 TI1-TLV73333PQDRVRQ1 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
More results

Similar Description - TLV73333PDBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV733P-Q1_1812 TI1-TLV733P-Q1_1812 Datasheet
1Mb / 30P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1_18 Datasheet
2Mb / 32P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P-Q1 TI1-TLV733P-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
TLV733P TI-TLV733P Datasheet
1Mb / 34P
[Old version datasheet]   TLV733P Capacitor-Free, 300-mA, Low-Dropout Regulator in a 1-mm 횞 1-mm SON Package
TLV71330PDQNR TI1-TLV71330PDQNR Datasheet
1Mb / 26P
[Old version datasheet]   Capacitor-Free, 150-mA, Low-Dropout Regulator
TLV743P_018 TI1-TLV743P_018 Datasheet
1Mb / 31P
[Old version datasheet]   300-mA, Low-Dropout Regulator
TLV743P TI1-TLV743P Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683 Datasheet
397Kb / 21P
   300 mA, Low Dropout Regulator
July, 2012 ??Rev. 2
logo
Texas Instruments
TLV743P TI1-TLV743P_18 Datasheet
874Kb / 29P
[Old version datasheet]   300-mA, Low-Dropout Regulator
logo
ON Semiconductor
NCP4683 ONSEMI-NCP4683_16 Datasheet
361Kb / 21P
   300 mA, Low Dropout Regulator
February, 2016 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com