Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC381DPTR-ADJG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # UCC381DPTR-ADJG4
Description  Low Dropout 1 Ampere Linear Regulator Family
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC381DPTR-ADJG4 Datasheet(HTML) 5 Page - Texas Instruments

  UCC381DPTR-ADJG4 Datasheet HTML 1Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 2Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 3Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 4Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 5Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 6Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 7Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 8Page - Texas Instruments UCC381DPTR-ADJG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
UCC281-3/-5/-ADJ
UCC381-3/-5/-ADJ
Overview
The UCC381 family of low dropout linear (LDO) regula-
tors provide a regulated output voltage for applications
with up to 1A of load current. The regulator features a
low dropout voltage and short circuit protection, making
their use ideal for demanding high current applications
requiring fault tolerance.
Short Circuit Protection
The UCC381 provides unique short circuit protection
circuitry that reduces power dissipation during a fault.
When an overload situation is detected, the device en-
ters a pulsed mode of operation at 3% duty cycle re-
ducing the heat sink requirements during a fault. The
UCC381 has two current thresholds that determine its
behavior during a fault as shown in Fig. 1.
When the regulator current exceeds the Overcurrent
Threshold for a period longer than the TON, the
UCC381 shuts off for a period (TOFF) which is 32 times
TON. If the short circuit current exceeds the Peak Cur-
rent Limit, the regulator limits the current to peak cur-
rent limit during the TON period. The peak current limit
is nominally 1 Amp greater than the overcurrent thresh-
old. The regulator will continue in pulsed mode until the
fault is cleared as illustrated in Fig. 1.
A capacitive load on the regulator’s output will appear as a
short circuit during start-up. If the capacitance is too large,
the output voltage will not come into regulation during the
initial TON period and the UCC381 will enter pulsed mode
operation. The peak current limit, TON period, and load
characteristics determine the maximum value of output ca-
pacitor that can be charged. For a constant current load
the maximum output capacitance is given as follows:
() ()
CI
I
T
V
Farads
OUT
CL
LOAD
ON
OUT
max
=−
(1)
For worst case calculations the minimum values of on time
(TON) and peak current limit (ICL) should be used. The ad-
justable version allows the TON time to be adjusted with a
capacitor on the CT pin:
() ()
(
)
T
C
Farads
ON adj
µµ
sec
,
=•
660 000
(2)
For a resistive load (RLOAD) the maximum output capacitor
can be estimated from:
()
C
T
Rn
V
IR
OUT
ON
LOAD
OUT
CL
LOAD
max
=


l
1
1
Farads
(3)
APPLICATION INFORMATION
32T
ON
T
ON
T
ON
T
ON
32T
ON
32T
ON
V
O
(nom)
OUTPUT
VOLTAGE
I
O (nom)
OUTPUT
CURRENT
R
OL ICL
PEAK CURRENT
LIMIT
OVERCURRENT
THRESHOLD
OVERLOAD
Figure 1. UCC381 short circuit timing.
UDG-98150


Similar Part No. - UCC381DPTR-ADJG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC381DPTR-ADJG4 TI-UCC381DPTR-ADJG4 Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
More results

Similar Description - UCC381DPTR-ADJG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC281- TI-UCC281- Datasheet
102Kb / 10P
[Old version datasheet]   Low Dropout 1 Ampere Linear Regulator Family
UCC283 TI-UCC283 Datasheet
214Kb / 8P
[Old version datasheet]   Low Dropout 3 Ampere Linear Regulator Family
UCC283-3 TI1-UCC283-3_16 Datasheet
1Mb / 22P
[Old version datasheet]   LOW-DROPOUT 3A LINEAR REGULATOR FAMILY
UCC283-3 TI-UCC283-3 Datasheet
466Kb / 17P
[Old version datasheet]   LOW DROPOUT 3-A LINEAR REGULATOR FAMILY
UCC283-3 TI1-UCC283-3_12 Datasheet
896Kb / 22P
[Old version datasheet]   LOW-DROPOUT 3-A LINEAR REGULATOR FAMILY
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1708ARDZ-R7 AD-ADP1708ARDZ-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com