Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3913N Datasheet(PDF) 4 Page - Texas Instruments

Part # UCC3913N
Description  NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3913N Datasheet(HTML) 4 Page - Texas Instruments

  UCC3913N Datasheet HTML 1Page - Texas Instruments UCC3913N Datasheet HTML 2Page - Texas Instruments UCC3913N Datasheet HTML 3Page - Texas Instruments UCC3913N Datasheet HTML 4Page - Texas Instruments UCC3913N Datasheet HTML 5Page - Texas Instruments UCC3913N Datasheet HTML 6Page - Texas Instruments UCC3913N Datasheet HTML 7Page - Texas Instruments UCC3913N Datasheet HTML 8Page - Texas Instruments UCC3913N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
UCC2913
UCC3913
SLUS274A – JANUARY 1999 – REVISED APRIL 2003
4
www.ti.com
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CT
4
I
A capacitor is connected to this pin in order to set the maximum fault time.
IMAX
2
I
This pin programs the maximum allowable sourcing current.
OUT
7
O
Output drive to the MOSFET pass element.
PL
8
I
This feature ensures that the average MOSFET power dissipation is controlled.
SENSE
6
I
Input voltage from the current sense resistor.
SD/FLT
1
O
This pin provides fault output indication and shutdown control.
VDD
3
O
Current driven with a resistor to a voltage at least 10V more positive than VSS.
VSS
5
O
Ground reference for the device and the most negative voltage available.
DETAILED PIN DESCRIPTIONS
CT
A capacitor connected to this pin allows setting of the maximum fault time. The maximum fault time must be
more than the time to charge external load capacitance. The maximum fault time is defined as:
t
FAULT +
2
C
T
I
CH
where
I
CH + 36 mA ) IPL
and IPL is the current into the power limit pin. Once the fault time is reached the output shuts down for a time
given by:
t
SD + 2
106
C
T
IMAX
This pin programs the maximum allowable sourcing current. Since VDD is a regulated voltage, a voltage divider
can be derived from VDD to generate the program level for the IMAX pin. The current level at which the output
appears as a current source is equal to the voltage on the IMAX pin over the current sense resistor. If desired,
a controlled current startup can be programmed with a capacitor on the IMAX pin, and a programmed start delay
can be achieved by driving the shutdown with an open collector/drain device into an R-C network.
PL
This pin’s feature ensures that the average MOSFET power dissipation is controlled. A resistor is connected
from this pin to the drain of the N-channel MOSFET pass element. When the voltage across the N-channel
MOSFET exceeds 5 V, current flows into the PL pin which adds to the fault timer charge current, reducing the
duty cycle from the 3% level. When IPL is much greater 36 µA, then the average MOSFET power dissipation
is given by:
P
FET(avg) + IMAX
1
10*6
R
PL
SENSE
Input voltage from the current sense resistor. When there is greater than 50 mV across this pin with respect to
VSS, a fault is sensed, and CT starts to charge.
(1)
(2)
(3)
(4)


Similar Part No. - UCC3913N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3913N TI-UCC3913N Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
More results

Similar Description - UCC3913N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2913 TI-UCC2913 Datasheet
314Kb / 17P
[Old version datasheet]   NEGATIVE VOLTAGE HOT SWAP POWER MANAGER
UCC1913 TI-UCC1913 Datasheet
123Kb / 9P
[Old version datasheet]   Negative Voltage Hot Swap Power Manager
UCC3921DTR TI1-UCC3921DTR Datasheet
1Mb / 16P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC1921 TI-UCC1921 Datasheet
497Kb / 11P
[Old version datasheet]   Latchable Negative Floating Hot Swap Power Manager
UCC3923 TI-UCC3923 Datasheet
148Kb / 10P
[Old version datasheet]   HIGH-VOLTAGE HOT-SWAP POWER MANAGER
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
UCC2912 TI1-UCC2912 Datasheet
659Kb / 16P
[Old version datasheet]   PROGRAMMABLE HOT SWAP POWER MANAGER
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com