Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3817APW Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC3817APW
Description  BiMOS POWER FACTOR PREREGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3817APW Datasheet(HTML) 1 Page - Texas Instruments

  UCC3817APW Datasheet HTML 1Page - Texas Instruments UCC3817APW Datasheet HTML 2Page - Texas Instruments UCC3817APW Datasheet HTML 3Page - Texas Instruments UCC3817APW Datasheet HTML 4Page - Texas Instruments UCC3817APW Datasheet HTML 5Page - Texas Instruments UCC3817APW Datasheet HTML 6Page - Texas Instruments UCC3817APW Datasheet HTML 7Page - Texas Instruments UCC3817APW Datasheet HTML 8Page - Texas Instruments UCC3817APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
UCC2817A, UCC2818A
UCC3817A, UCC3818A
SLUS577C − SEPTEMBER, 2003 − REVISED MARCH 2009
BiCMOS POWER FACTOR PREREGULATOR
1
www.ti.com
FEATURES
D Controls Boost Preregulator to Near-Unity
Power Factor
D Limits Line Distortion
D World Wide Line Operation
D Over-Voltage Protection
D Accurate Power Limiting
D Average Current Mode Control
D Improved Noise Immunity
D Improved Feed-Forward Line Regulation
D Leading Edge Modulation
D 150-µA Typical Start-Up Current
D Low-Power BiCMOS Operation
D 12-V to 17-V Operation
D Frequency Range of 6 kHz to 220 kHz
DESCRIPTION
The UCC3817A and the UCC3818A family
provides all the functions necessary for active
power
factor
corrected
preregulators.
The
controller achieves near unity power factor by
shaping the ac input line current waveform to
correspond to that of the ac input line voltage.
Average current mode control maintains stable,
low distortion sinusoidal line current.
Designed in Texas Instrument’s BiCMOS process,
the UCC3817A/UCC3818A offers new features
such as lower start-up current, lower power
dissipation, overvoltage protection, a shunt UVLO
detect
circuitry,
a
leading-edge
modulation
technique to reduce ripple current in the bulk
capacitor and an improved, low-offset (
±2 mV)
current amplifier to reduce distortion at light load
conditions.
BLOCK DIAGRAM
UDG-03122
VREF
9
2
16
1
15
10
5
4
DRVOUT
GND
CAI
VCC
OVP/EN
VAOUT
1.9 V
PKLMT
7.5 V
REFERENCE
UVLO
16 V/10 V (UCC3817A)
10.5 V/10 V (UCC3818A)
VCC
3
OSCILLATOR
12
RT
14
CT
SQ
R
PWM
LATCH
+
PWM
CAOUT
+
+
+
SS
VOLTAGE
ERROR AMP
8.0 V
13
7
11
VSENSE
VFF
8
IAC
6
MOUT
MIRROR
2:1
X2
+
7.5 V
ENABLE
OVP
÷
X
X
MULT
OSC
CLK
CLK
CURRENT
AMP
16 V (FOR UCC3817A ONLY)
+
0.33 V
ZERO POWER
R
+
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2006 − 2009, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - UCC3817APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3817APW TI-UCC3817APW Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817APWG4 TI-UCC3817APWG4 Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817APWR TI-UCC3817APWR Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC3817APWRG4 TI-UCC3817APWRG4 Datasheet
638Kb / 33P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
More results

Similar Description - UCC3817APW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2853A TI-UC2853A Datasheet
411Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854 Datasheet
281Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UCC2817-EP TI-UCC2817-EP Datasheet
599Kb / 23P
[Old version datasheet]   BiCMOS POWER-FACTOR PREREGULATOR
UCC2818D TI-UCC2818D Datasheet
948Kb / 32P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UCC2817 TI-UCC2817 Datasheet
528Kb / 14P
[Old version datasheet]   BiCMOS POWER FACTOR PREREGULATOR
UC2853A TI1-UC2853A_16 Datasheet
854Kb / 9P
[Old version datasheet]   High Power Factor Preregulator
UC1854 TI-UC1854_08 Datasheet
473Kb / 13P
[Old version datasheet]   High Power Factor Preregulator
logo
TOKO, Inc
TK83854 TOKO-TK83854 Datasheet
109Kb / 12P
   HIGH POWER FACTOR PREREGULATOR
logo
Texas Instruments
UC1853 TI1-UC1853_08 Datasheet
401Kb / 10P
[Old version datasheet]   High Power Factor Preregulator
UC1852 TI-UC1852 Datasheet
210Kb / 6P
[Old version datasheet]   High Power-Factor Preregulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com